Electronic Components Datasheet Search
  English  ▼

X  

CM1 Datasheet(PDF) 22 Page - Raspberry Pi Holdings PLC

Part # CM1
Description  Raspberry Pi Compute Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CM1 Datasheet(HTML) 22 Page - Raspberry Pi Holdings PLC

Back Button CM1 Datasheet HTML 14Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 15Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 16Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 17Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 18Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 19Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 20Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 21Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 22Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Compute Module Datasheet
Copyright Raspberry Pi (Trading) Ltd. 2016
9.6
Composite (TV Out)
The TVDAC pin can be used to output composite video (PAL or NTSC). Please route this signal away
from noise sources and use a 75 ohm PCB trace.
Note that the TV DAC is powered from the VDAC supply which must be a clean supply of 2.5-2.8V. It
is recommended users generate this supply from 3V3 using a low noise LDO.
If the TVDAC output is not used VDAC can be connected to 3V3, but it must be powered even if the
TV-out functionality is unused.
10
Thermals
The BCM283x SoC employs DVFS (Dynamic Voltage and Frequency Scaling) on the core voltage.
When the processor is idle (low CPU utilisation), it will reduce the core frequency and voltage to reduce
current draw and heat output. When the core utilisation exceeds a certain threshold the core votlage
is increased and the core frequency is boosted to the maximum working frerquency. The voltage and
frequency are throttled back when the CPU load reduces back to an ’idle’ level OR when the silicon
temperature as mesured by the on-chip temperature sensor exceeds 85C (thermal throttling).
A designer must pay careful attention to the thermal design of products using the CM3/CM3L so that
performance is not artificially curtailed due to the processor thermal throttling, as the Quad ARM com-
plex in the BCM2837 can generate significant heat output.
10.1
Temperature Range
The operating temperature range of the module is set by the lowest maximum and highest minimum of
any of the components used.
The eMMC and LPDDR2 have the narrowest range, these are rated for -25 to +80 degrees Celsius.
Therefore the nominal range for the CM3 and CM3L is -25C to +80C.
However, this range is the maximum for the silicon die; therefore, users would have to take into account
the heat generated when in use and make sure this does not cause the temperature to exceed 80 degrees
Celsius.
11
Availability
Raspberry Pi guarantee availability of CM1, CM3 and CM3 Lite until at least January 2023.
12
Support
For support please see the hardware documentation section of the Raspberry Pi website and post ques-
tions to the Raspberry Pi forum.
21
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com