Electronic Components Datasheet Search
  English  ▼

X  

CM1 Datasheet(PDF) 16 Page - Raspberry Pi Holdings PLC

Part # CM1
Description  Raspberry Pi Compute Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CM1 Datasheet(HTML) 16 Page - Raspberry Pi Holdings PLC

Back Button CM1 Datasheet HTML 12Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 13Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 14Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 15Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 16Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 17Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 18Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 19Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 20Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Compute Module Datasheet
Copyright Raspberry Pi (Trading) Ltd. 2016
Supply
Descripion
Minimum
Typical
Maximum
Unit
VBAT
Core SMPS Supply
2.5
-
5.0 + 5%
V
3V3
3V3 Supply Voltage
3.3 - 5%
3.3
3.3 + 5%
V
1V8
1V8 Supply Voltage
1.8 - 5%
1.8
1.8 + 5%
V
VDAC
TV DAC Supplya
2.5 - 5%
2.8
3.3 + 5%
V
GPIO0-27 VDD
GPIO0-27 I/O Supply Voltage
1.8 - 5%
-
3.3 + 5%
V
GPIO28-45 VDD
GPIO28-27 I/O Supply Voltage
1.8 - 5%
-
3.3 + 5%
V
SDX VDD
Primary SD/eMMC Supply Voltage
1.8 - 5%
-
3.3 + 5%
V
a Requires a clean 2.5-2.8V supply if TV DAC is used, else connect to 3V3
Table 7: Power Supply Operating Ranges
7.1
Supply Sequencing
Supplies should be staggered so that the highest voltage comes up first, then the remaining voltages
in descending order. This is to avoid forward biasing internal (on-chip) diodes between supplies, and
causing latch-up. Alternatively supplies can be synchronised to come up at exactly the same time as
long as at no point a lower voltage supply rail voltage exceeds a higher voltage supply rail voltage.
7.2
Power Requirements
Exact power requirements will be heavily dependent upon the individual use case. If an on-chip subsys-
tem is unused, it is usually in a low power state or completely turned off. For instance, if your application
does not use 3D graphics then a large part of the core digital logic will never turn on and need power.
This is also the case for camera and display interfaces, HDMI, USB interfaces, video encoders and
decoders, and so on.
Powerchain design is critical for stable and reliable operation of the Compute Module. We strongly
recommend that designers spend time measuring and verifying power requirements for their particular
use case and application, as well as paying careful attention to power supply sequencing and maximum
supply voltage tolerance.
Table 8 specifies the recommneded minimum power supply outputs required to power the Compute
Module.
15
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com