Electronic Components Datasheet Search
  English  ▼

X  

CM1 Datasheet(PDF) 13 Page - Raspberry Pi Holdings PLC

Part # CM1
Description  Raspberry Pi Compute Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

CM1 Datasheet(HTML) 13 Page - Raspberry Pi Holdings PLC

Back Button CM1 Datasheet HTML 9Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 10Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 11Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 12Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 13Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 14Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 15Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 16Page - Raspberry Pi Holdings PLC CM1 Datasheet HTML 17Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Compute Module Datasheet
Copyright Raspberry Pi (Trading) Ltd. 2016
Pin Name
DIR
Voltage Ref
PDNa State
If Unused
Description/Notes
RUN and Boot Control (see text for usage guide)
RUN
I
3V3b
Pull High
Leave open
Has internal 10k pull up
EMMC DISABLE N
I
3V3b
Pull High
Leave open
Has internal 10k pull up
EMMC EN N 1V8
O
1V8
Pull High
Leave open
Has internal 2k2 pull up
GPIO
GPIO[27:0]
I/O
GPIO0-27 VDD
Pull or Hi-Zc
Leave open
GPIO Bank 0
GPIO[45:28]
I/O
GPIO28-45 VDD
Pull or Hi-Zc
Leave open
GPIO Bank 1
Primary SD Interfaced,e
SDX CLK
O
SDX VDD
Pull High
Leave open
Primary SD interface CLK
SDX CMD
I/O
SDX VDD
Pull High
Leave open
Primary SD interface CMD
SDX Dx
I/O
SDX VDD
Pull High
Leave open
Primary SD interface DATA
USB Interface
USB Dx
I/O
-
Z
Leave open
Serial interface
USB OTGID
I
3V3
Tie to GND
OTG pin detect
HDMI Interface
HDMI SCL
I/O
3V3b
Zf
Leave open
DDC Clock (5.5V tolerant)
HDMI SDA
I/O
3V3b
Zf
Leave open
DDC Data (5.5V tolerant)
HDMI CEC
I/O
3V3
Z
Leave open
CEC (has internal 27k pull up)
HDMI CLKx
O
-
Z
Leave open
HDMI serial clock
HDMI Dx
O
-
Z
Leave open
HDMI serial data
HDMI HPD N 1V8
I
1V8
Pull High
Leave open
HDMI hotplug detect
CAM0 (CSI0) 2-lane Interface
CAM0 Cx
I
-
Z
Leave open
Serial clock
CAM0 Dx
I
-
Z
Leave open
Serial data
CAM1 (CSI1) 4-lane Interface
CAM1 Cx
I
-
Z
Leave open
Serial clock
CAM1 Dx
I
-
Z
Leave open
Serial data
DSI0 (Display 0) 2-lane Interface
DSI0 Cx
O
-
Z
Leave open
Serial clock
DSI0 Dx
O
-
Z
Leave open
Serial data
DSI1 (Display 1) 4-lane Interface
DSI1 Cx
O
-
Z
Leave open
Serial clock
DSI1 Dx
O
-
Z
Leave open
Serial data
TV Out
TVDAC
O
-
Z
Leave open
Composite video DAC output
JTAG Interface
TMS
I
3V3
Z
Leave open
Has internal 50k pull up
TRST N
I
3V3
Z
Leave open
Has internal 50k pull up
TCK
I
3V3
Z
Leave open
Has internal 50k pull up
TDI
I
3V3
Z
Leave open
Has internal 50k pull up
TDO
O
3V3
O
Leave open
Has internal 50k pull up
a The PDN column indicates power-down state (when RUN pin LOW)
b Must be driven by an open-collector driver
c GPIO have software enabled pulls which keep state over power-down
d Only available on Lite variants
e The CM will always try to boot from this interface first
f Requires external pull-up resistor to 5V as per HDMI spec
Table 3: Pin Functions
12
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com