Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4700
Description  LTM4700 Single 100A μModule Regulator with Digital Power System Management
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 4 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
DEMO MANUAL DC2702B-B
Rev. 0
Figure 5. Efficiency vs Load Current at VOUT0 = 1V, fSW = 350kHz (RUNP is ON)
QUICK START PROCEDURE
Connecting a PC to DC2702B-B
A Personal Computer (PC) can be used to reconfigure
the power management features of the LTM4700, such
as nominal VOUT, margin set points, OV/UV limits, tem-
perature fault limits, sequencing parameters, the fault
log, fault responses, GPIOs and other functionalities. The
DC1613A dongle may be plugged in when VIN is present.
Figure 4. Demo Setup with PC
VIN = 6V
VIN = 12V
LOAD CURRENT (A)
0 10 20 30 40 50 60 70 80 90 100
70
75
80
85
90
95
100
DC2702B-B F05
INPUT POWER
SUPPLY
USB TO I2C/PMBus
DONGLE DC1613A
LTM4700 DEMO
BOARD DC2702B-B
LOAD0
USB CABLE
12-PIN (J1)
CONNECTOR
DC2702B-B F04
VIN
VOUT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com