Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4700
Description  LTM4700 Single 100A μModule Regulator with Digital Power System Management
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices LTM4700 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
DEMO MANUAL DC2702B-B
Rev. 0
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Additional Demo Board Circuit Components
1
0
C1, C2, C14, C16, C17, C29, C31, C32 CAP., OPTION, 0603
2
0
D1, D2
DIODE, OPTION, SOD-323
3
0
R3, R8, R26, R27, R61, R62, R64, R67,
R68, R74, R75, R83, R88, R89, R93
RES., OPTION, 0603
4
16
R9, R28, R29, R33, R35, R38, R41,
R63, R65, R66, R91, R92, R96-R99
RES., 0Ω, 1/10W, 0603, AEC-Q200
NIC, NRC06ZOTRF
VISHAY, CRCW06030000Z0EA
5
5
R48, R100-R103
RES., 0Ω, 3/4W, 2010, AEC-Q200
NIC, NRC50ZOTRF
PANASONIC, ERJ12ZY0R00U
VISHAY, CRCW20100000Z0EF
6
0
R49
RES., OPTION, 2010
7
0
R82
RES., OPTION, 1206
8
0
R104, R105
RES., OPTION, 0805
Hardware
1
26
E1-E26
TEST POINT, TURRET, 0.064", MTG. HOLE
MILL-MAX, 2308-2-00-80-00-00-07-0
2
3
JP1, JP2
CONN., HDR, MALE, 1mm × 3mm × 2mm,
VERT, STR, THT
WURTH ELEKTRONIK, 62000311121
3
1
J1
CONN., SHROUDED HDR, MALE,
2 × 6, 2mm, VERT, STR, THT
FCI, 98414-G06-12ULF
4
3
J2, J3, J4
CONN., RF, BNC, RCPT JACK,5-PIN, STR,
THT, 50Ω
AMPHENOL RF, 112404
5
6
J5-J10
STUD, FASTENER, #10-32s
PENNENGINEERING, KFH-032-10ET
6
12
J5-J10
NUT, HEX, STEEL, ZINC PLATE, 10-32
KEYSTONE, 4705
7
6
J5-J10
RING, LUG, CRIMP, #10, NONINSULATED,
SOLDERLESS TERMINALS
KEYSTONE, 8205
8
6
J5-J10
WASHER, FLAT, STEEL, ZINC PLATE, OD:
0.436 [11.1]
KEYSTONE, 4703
9
1
J11
CONN., HDR, MALE, 2 × 7, 2mm, R/A THT
MOLEX, 0877601416
MOLEX, 877601416
10
1
J12
CONN., HDR, FEMALE, 2 × 7, 2mm, R/A THT
SULLINS CONNECTOR SOLUTIONS,
NPPN072FJFN-RC
11
4
MH1-MH4
STANDOFF, NYLON, SNAP-ON, 0.50"
WURTH ELEKTRONIK, 702935000
12
3
XJP1, XJP2
CONN., SHUNT, FEMALE, 2 POS, 2mm
WURTH ELEKTRONIK, 60800213421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com