Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4700
Description  LTM4700 Single 100A μModule Regulator with Digital Power System Management
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 2 Page - Analog Devices

  LTM4700 Datasheet HTML 1Page - Analog Devices LTM4700 Datasheet HTML 2Page - Analog Devices LTM4700 Datasheet HTML 3Page - Analog Devices LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
DEMO MANUAL DC2702B-B
Rev. 0
QUICK START PROCEDURE
Demonstration circuit 2702B-B is easy to set up to evalu-
ate the performance of the LTM4700EY. See Figure 2 for
the proper measurement equipment setup and follow the
procedure below.
1. With power off, connect the input power supply to VIN
(4.5V to 16V) and GND (input return).
2. Connect the 1.0V output load between VOUT0 and GND
(Initial load: no load).
3. Connect the Digital Voltmeters (DVMs) to the input
and outputs. Set default jumper position:
JP1:
ON
JP2:
ON
JP3:
ON
4. Turnontheinputpowersupplyandcheckfortheproper
output voltages. VOUT0 should be 1.0V ±0.5%.
5. Once the proper output voltages are established,
adjust the loads within the operating range and ob-
serve the output voltage regulation, ripple voltage and
other parameters.
6. Connect the dongle and control the output voltages
fromtheGUI.Formoredetails,refertotheLTpowerPlay
GUI for the LTM4700 Quick Start Guide.
Notes
The internal bias circuit is enabled when VIN >7V and JP3
is ON.
When measuring the output or input voltage ripple, do
not use the long ground lead on the oscilloscope probe.
See Figure 3 for the proper scope probe technique. Short,
stiff leads need to be soldered to the (+) and (–) terminals
of an output capacitor. The probe’s ground ring needs to
touch the (–) lead, and the probe tip needs to touch the
(+) lead.
PERFORMANCE SUMMARY Specifications are at T
A = 25°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
4.5
16
V
Output Voltage, VOUT0
VIN = 4.5V to 16V, IOUT0 = 0A to 100A
0.5
1.0
1.8
V
Maximum Output Current, IOUT0
VIN = 4.5V to 16V, VOUT0 = 0.5V to 1.8V
100
A
Typical Efficiency
VIN = 12V, VOUT0 = 1.0V, IOUT0 = 100A
88.7 (See Figure 5)
%
Default Switching Frequency
350
kHz
MAXIMUM OUTPUT CURRENT
NUMBER OF OUTPUTS
NUMBER OF LTM4700 µModule
REGULATORS ON THE BOARD
DEMO BOARD NUMBER
50A
2
1
DC2702B-A
100A
1
1
DC2702B-B
200A
1
2
DC2784B-A
300A
1
3
DC2784B-B
400A
1
4
DC2784B-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com