Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4700
Description  LTM4700 Single 100A μModule Regulator with Digital Power System Management
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
DEMO MANUAL DC2702B-B
Rev. 0
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
18
COUT1-COUT10, COUT14-COUT16,
COUT18-COUT22
CAP., 330μF, X6S, 4V, 20%, 1210
TAIYO YUDEN, AMK325AC6337MM-P
2
1
CIN1
CAP., 180μF, ALUM. POLY., 25V, 20%,
8mm × 12mm SMD, E12
PANASONIC, 25SVPF180M
3
1
C15
CAP., 6800pF, X7R, 50V, 5%, 0603
AVX, 06035C682JAT2A
4
8
CIN2-CIN9
CAP., 22μF, X5R, 25V, 10%, 1210
AVX, 12103D226KAT2A
MURATA, GRM32ER61E226KE15L
TAIYO YUDEN, TMK325BJ226KM-P
TAIYO YUDEN, TMK325BJ226KM-T
5
3
C21, C22, C24
CAP., 1μF, X5R, 25V, 10%, 0603
AVX, 06033D105KAT2A
NIC, NMC0603X5R105K25TRPF
6
1
C23
CAP., 1μF, X7R, 25V, 10%, 0805
AVX, 08053C105KAT2A
7
1
C26
CAP., 0.1μF, X5R, 16V, 10%, 0603
AVX, 0603YD104KAT2A
NIC, NMC0603X5R104K16TRPF
8
2
C27, C28
CAP., 0.01μF, X7R, 25V, 5%, 0603
AVX, 06033C103JAT2A
9
1
C33
CAP., 22μF, X5R, 6.3V, 20%, 0603
MURATA, GRM188R60J226MEA0D
10
2
Q1, Q2
XSTR., MOSFET, N-CH, 40V, TO-252 (DPAK)
VISHAY, SUD50N04-8M8P-4GE3
11
1
Q3
XSTR., MOSFET, P-CH, 20V, 5.9A, TO-236
(SOT23-3)
VISHAY, SI2365EDS-T1-GE3
12
15
R10-R16, R18, R19, R24, R52, R77,
R94, R95, R106
RES.,10k, 5%, 1/10W, 0603, AEC-Q200
NIC, NRC06J103TRF
PANASONIC, ERJ3GEYJ103V
VISHAY, CRCW060310K0JNEA
13
4
R25, R32, R69, R70
RES., 10Ω, 1%, 1/10W, 0603
NIC, NRC06F10R0TRF
PANASONIC, ERJ3EKF10R0V
ROHM, MCR03EZPFX10R0
VISHAY, CRCW060310R0FKEA
YAGEO, RC0603FR-0710RL
14
2
R30, R31
RES., 2.43k, 1%, 1/10W, 0603, AEC-Q200
NIC, NRC06F2431TRF
PANASONIC, ERJ3EKF2431V
VISHAY, CRCW06032K43FKEA
15
2
R50, R51
RES., 30Ω, 1%, 1W, 2512, AEC-Q200
VISHAY, CRCW251230R0FKEG
16
1
R53
RES., 0.01Ω, 1%, 1/2W, 2010, SENSE, AEC-Q200 VISHAY, WSL2010R0100FEA
17
2
R72, R73
RES., 4.99k, 1%, 1/10W, 0603, AEC-Q200
NIC, NRC06F4991TRF
PANASONIC, ERJ3EKF4991V
VISHAY, CRCW06034K99FKEA
18
1
R78
RES., 15.8k, 1%, 1/10W, 0603, AEC-Q200
NIC, NRC06F1582TRF
PANASONIC, ERJ3EKF1582V
VISHAY, CRCW060315K8FKEA
19
1
R90
RES., 0.001Ω, 1%, 1W, 2010, HP METAL,
SENSE, AEC-Q200
VISHAY, WSL20101L000FEA18
20
1
U1
IC, DUAL 50A POP PSM MODULE, BGA
15mm × 22mm × 7.82mm
ANALOG DEVICES, LTM4700EY#PBF
21
1
U2
IC, MEMORY, EEPROM, 2KBIT
(256mm × 8mm), TSSOP-8, 400kHz
MICROCHIP, 24LC025-I/ST
MICROCHIP, 24LC025T-I/ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com