Electronic Components Datasheet Search
  English  ▼

X  

LTM8080EY Datasheet(PDF) 4 Page - Analog Devices

Part # LTM8080EY
Description  LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080EY Datasheet(HTML) 4 Page - Analog Devices

  LTM8080EY Datasheet HTML 1Page - Analog Devices LTM8080EY Datasheet HTML 2Page - Analog Devices LTM8080EY Datasheet HTML 3Page - Analog Devices LTM8080EY Datasheet HTML 4Page - Analog Devices LTM8080EY Datasheet HTML 5Page - Analog Devices LTM8080EY Datasheet HTML 6Page - Analog Devices LTM8080EY Datasheet HTML 7Page - Analog Devices LTM8080EY Datasheet HTML 8Page - Analog Devices LTM8080EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
DEMO MANUAL DC3071A
Rev. 0
Figure 3. Measured Efficiency (VIN = 12V, VOUT = 3.3V, fSW = 2.2MHz)
LOAD CURRENT (A)
0
0.10
0.20
0.30
0.40
0.50
35
40
45
50
55
60
65
dc3071a F03
AIRFLOW
HEATSINK
AMBIENT (°C)
Natural Convection
None
25
TYPICAL TEST RESULTS
Figure 4. Thermal at VIN = 12V, VOUT1 = 3.3V at 500mA Load
(a) Front
(b) Back



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com