Electronic Components Datasheet Search
  English  ▼

X  

LTM8080EY Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8080EY
Description  LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080EY Datasheet(HTML) 2 Page - Analog Devices

  LTM8080EY Datasheet HTML 1Page - Analog Devices LTM8080EY Datasheet HTML 2Page - Analog Devices LTM8080EY Datasheet HTML 3Page - Analog Devices LTM8080EY Datasheet HTML 4Page - Analog Devices LTM8080EY Datasheet HTML 5Page - Analog Devices LTM8080EY Datasheet HTML 6Page - Analog Devices LTM8080EY Datasheet HTML 7Page - Analog Devices LTM8080EY Datasheet HTML 8Page - Analog Devices LTM8080EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DEMO MANUAL DC3071A
Rev. 0
QUICK START PROCEDURE
Demonstration circuit 3071A is easy to set up to evalu-
ate the performance of the LTM8080. See Figure 1 for
the proper measurement equipment setup and follow the
procedure below.
1. With the power off, place the jumpers as shown in the
following positions.
JUMPER
POSITION
FUNCTION
JP1
ON
RUN
JP2
BURST
SYNC
2. Before connecting the input supply, load, and meters,
preset the input voltage supply to be between 4V to
40V. Then, preset the load currents to 0A.
3. With power off, connect the output loads between
VOUT1 and GND, VOUT2 and GND, input voltage
supply, respectively. (Initial load: no load). Refer
to Figure 1.
4. Connect the DVMs to the input and outputs.
5. Turn on the input power supply and adjust the volt-
age to 12V.
NOTE: Make sure that the input voltage does not
exceed 40V.
6. Check for the proper output voltages from VOUT1 to
GND and VOUT2 to GND. The output voltage meters
for each phase should display the programmed out-
put voltage within ±2%.
7. Once the proper output voltage is established, adjust
the load current from 0A to 500mA, VOUT should be
within 3.234V to 3.366V.
8. Vary the input voltage from 4V to 40V, VOUT should
be within 3.234V to 3.366V.
9. After completing all tests, adjust the load to 0A and
power of the input power supply.
OPTIONAL: An input EMI filter is included on the board.
To include this filter, connect the input supply positive
terminal to VEMI. Connect the input positive supply to
VIN to exclude the input EMI filter.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
Continuous Operation, Free Air
4.0
40
V
VOUT1
Output Voltage 1
3.3
V
VOUT2
Output Voltage 2
3.3
V
IOUT1
Output Current 1
0.5
A
IOUT2
Output Current 2
0.5
A
POUT/PIN
Efficiency (See Figure 3)
VIN = 12V, VOUT = 3.3V, IOUT = 0.5A
64.7
%
PERFORMANCE SUMMARY Specifications are at T
A = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com