Electronic Components Datasheet Search
  English  ▼

X  

LTM8080EY Datasheet(PDF) 7 Page - Analog Devices

Part # LTM8080EY
Description  LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080EY Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM8080EY Datasheet HTML 2Page - Analog Devices LTM8080EY Datasheet HTML 3Page - Analog Devices LTM8080EY Datasheet HTML 4Page - Analog Devices LTM8080EY Datasheet HTML 5Page - Analog Devices LTM8080EY Datasheet HTML 6Page - Analog Devices LTM8080EY Datasheet HTML 7Page - Analog Devices LTM8080EY Datasheet HTML 8Page - Analog Devices LTM8080EY Datasheet HTML 9Page - Analog Devices LTM8080EY Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
DEMO MANUAL DC3071A
Rev. 0
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
R1
RES., 1M, 1%, 1/10W, 0603, AEC-Q200
NIC, NRC06F1004TRF
2
3
R2, R7, R16
RES., 100k, 1%, 1/10W, 0603
YAGEO, RC0603FR-07100KL
3
2
R11, R14
RES., 49.9k, 1%, 1/10W, 0603
NIC, NRC06F4992TRF
4
1
R3
RES., 16.2k, 1%, 1/10W, 0603, AEC-Q200
PANASONIC, ERJ3EKF1622V
5
2
R12, R15
RES., 33.2k, 1%, 1/10W, 0603
PANASONIC, ERJ3EKF3322V
6
2
R10, R13
RES., 453k, 1%, 1/10W, 0603, AEC-Q200
VISHAY, CRCW0603453KFKEA
7
1
R36
RES., 0Ω, 1/2W, 1210, AEC-Q200
VISHAY, CRCW12100000Z0EA
8
1
C5
CAP., 0.1μF, X7R, 16V, 10%, 0603
MURATA, GRM188R71C104KA01D
9
1
C9
CAP., 0.01μF, X7R, 16V, 10%, 0603
AVX, 0603YC103KAT2A
10
1
C23
CAP., 4.7μF, X7R, 25V, 5%, 1206
KEMET, C1206C475J3RACTU
11
1
C20
CAP., 4.7μF, X7R, 25V, 10%, 1206
AVX, 12063C475KAT2A
12
3
C6, C7, C8
CAP., 4.7μF, X7S, 50V, 10%, 1206, AEC-Q200
MURATA, GCM31CC71H475KA03K
13
2
C19, C21
CAP., 10μF, X7R, 16V, 10%, 1206, AEC-Q200
MURATA, GCM31CR71C106KA64L
14
1
C2
CAP., 0.1μF, X7R, 50V, 10%, 0805
AVX, 08055C104KAT2A
15
1
C1
CAP., 1μF, X7R, 50V, 10%, 0805
AVX, 08055C105KAT2A
16
1
C13
CAP., 4.7μF, X5R, 16V, 10%, 0805
AVX, 0805YD475KAT2A
17
1
C12
CAP., 47μF, X5R, 16V, 20%, 1210
AVX, 1210YD476MAT2A
18
1
C3
CAP., 4.7μF, X5R, 50V, 10%, 1206
TAIYO YUDEN, UMK316BJ475KL-T
19
1
C4
CAP., 22μF, ALUM. ELECT., 63V, 20%,
6.3mm × 7.7mm, CE-BS
SUN ELECTRONIC INDUSTRIES CORP, 63CE22BS
20
1
RFB1
IND., 220Ω AT 100MHz, FERRITE BEAD, 3A, 40mΩ,
0805, NO SUBS. ALLOWED
TDK, MPZ2012S221AT000
21
1
D1
DIODE, ZENER, 3.6V, 250mW, SOD323
CENTRAL SEMI., CMDZ3L6 TR PBFREE
22
1
U1
IC, STEP-DOWN CONTROLLER, BGA-48
ANALOG DEVICES, LTM8080EY#PBF
Additional Demo Board Circuit Components
1
0
R8, R17, R18
RES., OPTION, 0603
2
0
C18, C22
CAP., OPTION, 1206
Hardware: For Demo Board Only
1
1
JP1
CONN., HDR., MALE, 1×3, 2mm, VERT, STR, THT
SULLINS CONNECTOR SOLUTIONS, NRPN031PAEN-RC
2
1
JP2
CONN., HDR, MALE, 2×4, 2mm, VERT, STR, THT
SAMTEC, TMM-104-02-L-D
3
2
J2, J7
CONN., RF, BNC, RCPT, JACK, 5-PIN, ST, THT, 50Ω
AMPHENOL RF, 112404
4
2
XJP1, XJP2
CONN., SHUNT, FEMALE, 2-POS., 2mm
WURTH ELEKTRONIK, 60800213421
5
14
E1-E6, E8-E15
TEST POINT, TURRET, 0.094" MTG. HOLE,
PCB 0.062" THK
MILL-MAX, 2501-2-00-80-00-00-07-0
6
1
PCB1
PCB, DC3071A
ADI APPROVED SUPPLIER, 600-DC3071A
7
4
MP5-MP8
STANDOFF, NYLON, SNAP-ON, 0.25" (6.4mm)
KEYSTONE, 8831
WURTH ELECTRONICS, 702931000
8
1
STNCL1
TOOL, STENCIL, DC3071A
ANALOG DEVICES, 830-DC3071A
9
1
LB1
LABEL SPEC, DEMO BOARD SERIAL NUMBER
BRADY, THT-96-717-10
PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com