Electronic Components Datasheet Search
  English  ▼

X  

LTM8080EY Datasheet(PDF) 1 Page - Analog Devices

Part # LTM8080EY
Description  LTM8080EY 40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8080EY Datasheet(HTML) 1 Page - Analog Devices

  LTM8080EY Datasheet HTML 1Page - Analog Devices LTM8080EY Datasheet HTML 2Page - Analog Devices LTM8080EY Datasheet HTML 3Page - Analog Devices LTM8080EY Datasheet HTML 4Page - Analog Devices LTM8080EY Datasheet HTML 5Page - Analog Devices LTM8080EY Datasheet HTML 6Page - Analog Devices LTM8080EY Datasheet HTML 7Page - Analog Devices LTM8080EY Datasheet HTML 8Page - Analog Devices LTM8080EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
DEMO MANUAL DC3071A
Rev. 0
DESCRIPTION
LTM8080EY
40VIN, Dual 500mA or Single 1A Ultralow
Noise, Ultrahigh PSRR µModule Regulator
Demonstration circuit 3071A features the LTM®8080
µModule® regulator, a complete, low input noise, ultrahigh
PSRR solution with an intermediate power bus and dual
output 0.5A LDO regulators, in a thermally enhanced, com-
pact 9mm × 6.25mm × 3.32mm BGA package. DC3071A
has a wide operating input range of 4V to 40V. Each of
the two outputs is an adjustable 3.3V/0.5A. The operating
output range is a wide 0V to 8V. DC3071A also allows for
the LDOs to be paralleled up to 1A rail load current.
The LTM8080 includes voltage tracking functionality,
external frequency synchronization, and low input noise
compliance with CISPR22 Class B. The built-in voltage
All registered trademarks and trademarks are the property of their respective owners.
BOARD PHOTO
tracking function automatically sets VBUS to either 2.5V
nominal or 1V higher than VOUT1, whichever is greater,
to achieve the best noise performance and minimize
power dissipation. External frequency synchronization
is available through the SYNC pin. It also features the
power good feedback function for an adjustable power
good threshold.
The µModule regulator targets applications that require
a complete switcher and LDO regulators solution with
configurable output channels, power good protection fea-
tures, and ultralow noise performance.
Design files for this circuit board are available.
Part marking is either ink mark or laser mark
(a) Front View
(b) Back View


Similar Part No. - LTM8080EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8080EYPBF AD-LTM8080EYPBF Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
More results

Similar Description - LTM8080EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
LT3042EDD LINER-LT3042EDD Datasheet
577Kb / 8P
20V, 200mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD LINER-LT3045EDD Datasheet
1Mb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator
LT3045EDD-1 LINER-LT3045EDD-1 Datasheet
273Kb / 8P
20V, 500mA, Ultralow Noise Ultrahigh PSRR RF LDO Regulator with VIOC
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com