Electronic Components Datasheet Search
  English  ▼

X  

LTM4712EY Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4712EY
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712EY Datasheet(HTML) 3 Page - Analog Devices

  LTM4712EY Datasheet HTML 1Page - Analog Devices LTM4712EY Datasheet HTML 2Page - Analog Devices LTM4712EY Datasheet HTML 3Page - Analog Devices LTM4712EY Datasheet HTML 4Page - Analog Devices LTM4712EY Datasheet HTML 5Page - Analog Devices LTM4712EY Datasheet HTML 6Page - Analog Devices LTM4712EY Datasheet HTML 7Page - Analog Devices LTM4712EY Datasheet HTML 8Page - Analog Devices LTM4712EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
DEMO MANUAL DC3189A
Rev. 0
QUICK START PROCEDURE
Figure 2. DC3189A Demo Board Test Setup
+
–
VOUT
GND
COUT
dc3189a F03
Figure 3. Scope Probe Placement for Measuring Input or Output Ripple Voltage
VIMON VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
30
40
50
60
dc3189a F04
Figure 4. RSENSE Voltage Threshold vs VIMON
RSENSE voltage threshold is reached (10mV = 5A • 2mΩ).
If RLOAD decreases further, instead of allowing IOUT to
increase, COMP voltage is pulled lower and VOUT changes
to support a constant-current value of 5A. Therefore, if
RLOAD decreases to 2Ω, VOUT decreases to 10VOUT to
maintain 5A load (10V/2Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com