Electronic Components Datasheet Search
  English  ▼

X  

LTM4712EY Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4712EY
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712EY Datasheet(HTML) 1 Page - Analog Devices

  LTM4712EY Datasheet HTML 1Page - Analog Devices LTM4712EY Datasheet HTML 2Page - Analog Devices LTM4712EY Datasheet HTML 3Page - Analog Devices LTM4712EY Datasheet HTML 4Page - Analog Devices LTM4712EY Datasheet HTML 5Page - Analog Devices LTM4712EY Datasheet HTML 6Page - Analog Devices LTM4712EY Datasheet HTML 7Page - Analog Devices LTM4712EY Datasheet HTML 8Page - Analog Devices LTM4712EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
DEMO MANUAL DC3189A
Rev. 0
DESCRIPTION
LTM4712
36VIN, 12A Buck-Boost
µModule Regulator
Demonstration circuit 3189A features the LTM®4712, a
high efficiency, buck-boost µModule® regulator with a 5V
to 36V input voltage range and 1V to 36V output voltage
range. The output is capable of 12A in buck and buck-
boost modes, and 6A under 12VIN and 24VOUT. Derating
is necessary for certain VIN, VOUT, frequency and ther-
mal conditions. For more information, see the LTM4712
data sheet.
The DC3189A demo board features a constant-current
mode (CCM) to deliver a precise, regulated current while
the load may vary.
The DC3189A demo board is optimized using a default
frequency of 400kHz. The current mode architecture
used in the LTM4712 is peak-current mode control. The
All registered trademarks and trademarks are the property of their respective owners.
BOARD PHOTO
LTM4712 operates in continuous current mode by default
but can be placed in pulse-skipping mode to optimize
efficiency at light loads.
The LTM4712 is offered in a 16mm × 16mm × 8.34mm
ball grid array (BGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM4712 module package features an inductor on top of
the molded substrate for improved heat sinking capability.
The LTM4712 data sheet gives a complete description of
the device, including operation and application informa-
tion. Refer to the data sheet in conjunction with this demo
manual prior to working on or modifying DC3189A.
Design files for this circuit board are available.
Figure 1. DC3189A Demo Board
Part marking is either ink mark or laser mark


Similar Part No. - LTM4712EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4712EYPBF AD-LTM4712EYPBF Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results

Similar Description - LTM4712EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Linear Technology
LTM4609 LINER-LTM4609_15 Datasheet
747Kb / 28P
36VIN, 34VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM4607 LINER-LTM4607_15 Datasheet
355Kb / 26P
36VIN, 24VOUT High Efficiency Buck-Boost DC/DC Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Linear Technology
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Analog Devices
LTM4712 AD-LTM4712 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com