Electronic Components Datasheet Search
  English  ▼

X  

LTM4712EY Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4712EY
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712EY Datasheet(HTML) 2 Page - Analog Devices

  LTM4712EY Datasheet HTML 1Page - Analog Devices LTM4712EY Datasheet HTML 2Page - Analog Devices LTM4712EY Datasheet HTML 3Page - Analog Devices LTM4712EY Datasheet HTML 4Page - Analog Devices LTM4712EY Datasheet HTML 5Page - Analog Devices LTM4712EY Datasheet HTML 6Page - Analog Devices LTM4712EY Datasheet HTML 7Page - Analog Devices LTM4712EY Datasheet HTML 8Page - Analog Devices LTM4712EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
DEMO MANUAL DC3189A
Rev. 0
QUICK START PROCEDURE
PERFORMANCE SUMMARY Specifications are at T
A = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
5
36
V
VOUT
Output Voltage
RFB = 9.09kΩ
12
V
fSW
Switching Frequency
RFREQ = 140kΩ
400
kHz
IOUT
Maximum Output Current
VIN = 10V to 36V, fSW = 400kHz
12
A
IOUT
Maximum Output Current
VIN = 5V to 10V, fSW = 400kHz
6
A
η
Efficiency (Figure 5)
VIN = 12V, IOUT = 12A, fSW = 400kHz
96.25
%
Peak Efficiency
VIN = 24V, IOUT = 7.2A, fSW = 400kHz
97.1
%
The DC3189A is an easy way to evaluate the performance
of the LTM4712. See Figure 2 for the proper measurement
equipment setup, and use the following procedure:
1. With power off, connect the input power supply to
VIN (J1) and to GND (J2).
2. Connect the output load to VOUT (J3) and to GND (J4).
3. Connect DMM between test points VIN (E7) and
GND (E8) to measure input voltage. Connect another
DMM between test points VOUT (E12) and GND (E13)
to measure DC output voltage.
4. Prior to powering on, ensure RUN switch is in the
“ON” position. Turn on power at the input.
5. Set the voltage of the DC power supply between 5V
to 36V.
NOTE: Make sure the input voltage does not exceed
36V.Checkthatoutputvoltagemeasures12V±0.5%
(or 11.94V to 12.06V).
6. Once the proper output voltage is established, adjust
the load within the operating range and measure the
output voltage regulation, ripple voltage, efficiency,
and other parameters.
Demo Board Features
To measure the input/output voltage ripples properly, do
not use the long ground lead on the oscilloscope probe.
See Figure 3 for the proper probing technique of input/
output voltage ripples. Short, stiff leads need to be sol-
dered to the (+) and (–) terminals of an input or output
capacitor. The probe’s ground ring needs to touch the (–)
lead and the probe tip needs to touch the (+) lead.
Current Monitoring
DC3189A demo board features output current monitoring
(IMON). By measuring the voltage between ISP and ISN,
a voltage directly proportional to the measured current
can be observed and used to accurately determine the
amount of current leaving LTM4712 as shown in Figure 4.
To accurately monitor the output current, a 2mΩ sense
resistor separates the output bulk capacitors and output
ceramic capacitors on the VOUT line. The ISP and ISN pins
are used to measure the voltage drop across the sense
resistor, and the respective current values are given by
IOUT = [(VIMON – 0.2V)/20]/2mΩ.
Constant-Current Mode
The LTM4712 can be enabled to produce a constant-
current output after simple component selection. The
µModule maintains constant output current according to
(ISET) voltage limit and RSENSE value. IOUT = VSENSE_MAX/
RSENSE. VSENSE is determined by ISET voltage as shown
in Figure 4. Refer to the LTM4712 data sheet for more
detailed information.
NOTE: VOUT needs to be set higher than IOUT • RLOAD to
maintain constant-current regulation. For example, VOUT
is set to 12V (9.09kΩ on RFB) and RSENSE voltage limit is
set to 10mV (26.3kΩ on ISET). When a resistive load of
12Ω is placed on the output, IOUT follows 12VOUT/12Ω
= 1A. As the value of RLOAD decreases, IOUT increases
according to this equation. When IOUT reaches 5A,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com