Electronic Components Datasheet Search
  English  ▼

X  

LTM4712EY Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4712EY
Description  LTM4712 36VIN, 12A Buck-Boost μModule Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4712EY Datasheet(HTML) 4 Page - Analog Devices

  LTM4712EY Datasheet HTML 1Page - Analog Devices LTM4712EY Datasheet HTML 2Page - Analog Devices LTM4712EY Datasheet HTML 3Page - Analog Devices LTM4712EY Datasheet HTML 4Page - Analog Devices LTM4712EY Datasheet HTML 5Page - Analog Devices LTM4712EY Datasheet HTML 6Page - Analog Devices LTM4712EY Datasheet HTML 7Page - Analog Devices LTM4712EY Datasheet HTML 8Page - Analog Devices LTM4712EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
DEMO MANUAL DC3189A
Rev. 0
QUICK START PROCEDURE
Figure 5. Efficiency vs Load Current
(12VOUT Without EMI Filter, TA = 25°C)
Figure 6. Power Loss vs Load Current
(12VOUT Without EMI Filter, TA = 25°C)
5VIN
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
80
82
84
86
88
90
92
94
96
98
100
dc3189a F05
5VIN
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
dc3189a F06
TYPICAL PERFORMANCE CHARACTERISTICS
Modifying Output Voltage
The DC3189A demo board can supply various output volt-
age configurations from 1V to 36V. See Table 1 for the
recommended component changes when changing the
supply output voltage and the recommended part numbers.
Table 1. Recommended Components and Configurations
COUT (CERAMIC)
COUT (BULK)
VENDOR
VALUE
PART NUMBER
VENDOR
VALUE
PART NUMBER
Murata
10µF, 50V, 1210
GCM32EC71H106KA03 Panasonic
33µF, 50V
50SVPK33M
TDK
22µF, 16V, 1210
C3225X7R1C226K
Panasonic
82µF, 35V
35SVPK82M
Panasonic
100µF, 16V
16TQC100MYF
Various Output Voltage Configurations
VOUT (V)
RFB R3
(kΩ)
COUT (CERAMIC)
COUT (BULK)
C5 (µF)
C7 (µF)
C16 (µF)
C28 (µF)
C29 (µF)
C30 (µF)
C31 (µF)
C33 (µF)
C6 (µF)
C14 (µF)
5
25
22
22
OPT
22
22
22
22
OPT
100
100
12
9.09
22
22
OPT
22
22
22
22
OPT
100
100
24
4.32
10
10
10
10
10
10
10
10
82
OPT
36
2.87
10
10
10
10
10
10
10
10
33
33



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com