Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 653
Description  14-stage binary ripple counter with oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
74HC_HCT4060
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 10 February 2016
9 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
[1]
For HCT4060, only input MR (pin 12) has TTL input switching levels.
VOH
HIGH-level
output
voltage
RTC output; RS = MR = VCC
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 0.65 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
RTC output; RS = MR = GND
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 2.6 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
CTC output; RS = VIH;
MR = VIL
IO = 3.2 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
VI =VIH or VIL;
except RTC output
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
VI =VIH or VIL;
except RTC and CTC outputs
IO = 4.0 mA; VCC = 4.5 V
3.98
-
-
3.84
-
3.7
-
V
VOL
LOW-level
output
voltage
RTC output; RS = VCC;
MR = GND
IO =20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =2.6 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
CTC output; RS = VIL;
MR = VIH
IO =3.2 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
VI =VIH or VIL;
except RTC output
IO =20 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
VI =VIH or VIL;
except RTC and CTC outputs
IO =4.0 mA; VCC = 4.5 V
-
-
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI =VCC or GND; VCC =5.5 V
-
-
0.1
-
1.0
-
1.0
A
ICC
supply
current
VI =VCC or GND;
VCC =5.5 V; IO =0A
-
-
8.0
-
80
-
160
A
I
CC
additional
supply
current
per input pin;
VI =VCC  2.1 V; other inputs
at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
-
40
144
-
180
-
196
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 5.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com