Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 653
Description  14-stage binary ripple counter with oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  653 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74HC4060; 74HCT4060 is a 14-stage ripple-carry counter/divider and oscillator with
three oscillator terminals (RS, RTC and CTC), ten buffered parallel outputs (Q3 to Q9 and
Q11 to Q13) and an overriding asynchronous master reset (MR). The oscillator
configuration allows design of either RC or crystal oscillator circuits. The oscillator may be
replaced by an external clock signal at input RS. In this case, keep the oscillator pins
(RTC and CTC) floating. The counter advances on the HIGH-to-LOW transition of RS. A
HIGH level on MR clears all counter stages and forces all outputs LOW, independent of
the other input conditions. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
 All active components on chip
 RC or crystal oscillator configuration
 Complies with JEDEC standard no. 7 A
 Input levels:
 For 74HC4060: CMOS level
 For 74HCT4060: TTL level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 Cto+85 C and from 40 Cto+125 C
3.
Applications
 Control counters
 Timers
 Frequency dividers
 Time-delay circuits
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
Rev. 4 — 10 February 2016
Product data sheet


Similar Part No. - 653

ManufacturerPart #DatasheetDescription
logo
Littelfuse
653 LITTELFUSE-653 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
Automatic Timing & Cont...
653 ATC-653 Datasheet
476Kb / 2P
Multi-Function Multi-Range Solid-State
logo
Abbatron All Rights Res...
653 ABBATRON-653 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Nexperia B.V. All right...
653 NEXPERIA-653 Datasheet
181Kb / 15P
Quad 2-input NAND gate
Rev. 7 25 November 2015
653 NEXPERIA-653 Datasheet
171Kb / 16P
Dual 4-input multiplexer
Rev. 6 11 May 2016
More results

Similar Description - 653

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
14-stage binary ripple counter with oscillator
1998 Jun 23
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
Nexperia B.V. All right...
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
14-stage binary ripple counter with oscillator
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com