Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part # 653
Description  14-stage binary ripple counter with oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
74HC_HCT4060
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 10 February 2016
15 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
13. RC oscillator
13.1 Timing component limitations
The oscillator frequency is mainly determined by RtCt, provided R2  2Rt and
R2C2 << RtCt. The function of R2 is to minimize the influence of the forward voltage
across the input protection diodes on the frequency. The stray capacitance C2 should be
kept as small as possible. In consideration of accuracy, Ct must be larger than the
inherent stray capacitance. Rt must be larger than the ON resistance in series with it,
which typically is 280
 at V
CC = 2.0 V, 130  at VCC = 4.5 V and 100  at VCC = 6.0 V.
The recommended values for these components to maintain agreement with the typical
oscillation formula are:
Ct > 50 pF, up to any practical value and 10 k <Rt <1 M.
In order to avoid start-up problems, Rt  1 k.
13.2 Typical crystal oscillator circuit
In Figure 13, R2 is the power limiting resistor. For starting and maintaining oscillation a
minimum transconductance is necessary, so R2 should not be too large. A practical value
for R2 is 2.2 k
.
Typical formula for oscillator frequency:
Fig 12. Example of a RC oscillator
f
osc
1
2.5
R
t
C
t
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com