Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 653
Description  14-stage binary ripple counter with oscillator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
74HC_HCT4060
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 10 February 2016
11 of 25
NXP Semiconductors
74HC4060; 74HCT4060
14-stage binary ripple counter with oscillator
fmax
maximum
frequency
RS; see Figure 8
VCC = 2.0 V
6
26
-
4.8
-
4
-
MHz
VCC = 4.5 V
30
80
-
24
-
20
-
MHz
VCC = 5.0 V; CL =15pF
-
87
-
-
-
-
-
MHz
VCC = 6.0 V
35
95
-
28
-
24
-
MHz
CPD
power
dissipation
capacitance
VI = GND to VCC;
VCC =5V; fi =1MHz
[4]
-40
-
-
-
-
-
pF
74HCT4060
tpd
propagation
delay
RS to Q3; see Figure 8
[1]
VCC = 4.5 V
-
33
66
-
83
-
99
ns
VCC = 5.0 V; CL =15pF
-
31
-
-
-
-
-
ns
Qn to Qn+1; see Figure 9
[2]
VCC = 4.5 V
-
8
16
-
20
-
24
ns
VCC = 5.0 V; CL =15pF
-
6
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 10
VCC = 4.5 V
-
21
44
-
55
-
66
ns
VCC = 5.0 V; CL =15pF
-
18
-
-
-
-
-
ns
tt
transition time Qn; see Figure 8
[3]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
RS (HIGH or LOW);
see Figure 8
VCC = 4.5 V
16
6
-
20
-
24
-
ns
MR (HIGH); see Figure 10
VCC = 4.5 V
16
6
-
20
-
24
-
ns
trec
recovery time
MR to RS; see Figure 10
VCC = 4.5 V
26
13
-
33
-
39
-
ns
fmax
maximum
frequency
RS; see Figure 8
VCC = 4.5 V
30
80
-
24
-
20
-
MHz
VCC = 5.0 V; CL =15pF
-
88
-
-
-
-
-
MHz
Table 6.
Dynamic characteristics …continued
GND = 0 V; CL = 50 pF unless otherwise specified; for test circuit see Figure 11.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com