Electronic Components Datasheet Search
  English  ▼

X  

UG-855 Datasheet(PDF) 18 Page - Analog Devices

Part # UG-855
Description  Evaluation Board for the AD7124-4 4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with In-Amp and Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-855 Datasheet(HTML) 18 Page - Analog Devices

Back Button UG-855 Datasheet HTML 14Page - Analog Devices UG-855 Datasheet HTML 15Page - Analog Devices UG-855 Datasheet HTML 16Page - Analog Devices UG-855 Datasheet HTML 17Page - Analog Devices UG-855 Datasheet HTML 18Page - Analog Devices UG-855 Datasheet HTML 19Page - Analog Devices UG-855 Datasheet HTML 20Page - Analog Devices UG-855 Datasheet HTML 21Page - Analog Devices UG-855 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
UG-855
EVAL-AD7124-4SDZ User Guide
Rev. 0 | Page 18 of 29
NOISE TEST—QUICK START DEMONSTRATION
Click the NOISE TEST demo button to configure the device for
the noise test. The AD7124-4 is now configured for the noise test
demo, where the output data rate is set to 9.38 SPS, with the sinc4
digital filter, full power mode of operation, and the REFIN1(±)
external reference selected. Gain and offset are the default factory
values following a reset.
To gather samples, change the Samples field to the number of
samples required value, then click SAMPLE to acquire the
samples from the ADC. Figure 24 shows an example of the
main window after running a noise test.
Reading Samples from the ADC
The evaluation board is set up to use the external 2.5 V on-board
reference (ADR4525). To read samples from the ADC, take the
following steps:
1.
The value in the Refin1(+/-) field on the Configuration
tab is set to 2.5 V by default to use the external 2.5 V on-
board reference (ADR4525). If a different reference is used,
set the value in the Refin1(+/-) field accordingly. The
analysis results are based on the value set in this field.
a.
When Single Run is selected from the drop-down list,
a batch of samples is read when SAMPLE is clicked,
with the batch size being set by the value in the
Samples
box.
b.
When the drop-down box is set to Continuous Run,
the software performs a continuous capture from the
ADC when SAMPLE is clicked.
c.
Click Stop to stop streaming data.
2.
Use the navigation tools within each graph to control the
cursor, zooming, and panning.
Waveform
The waveforms resulting from the gathered samples are shown
in this tab. The waveform graph shows each successive sample
of the ADC output (input referred). The indicators beside this
graph show the channels being converted. Navigation tools are
provided to allow the user to control the cursor, zooming, and
panning. The conversions can be displayed as codes or as volts.
Parameters such as peak-to-peak noise and rms noise are displayed
below the graph in the Analysis section for the current batch of
samples. If several analog input channels are enabled, each enabled
channel can be selected and the conversions on that channel
analyzed using Analysis Channel.
The conversion data can be saved in a text file from the File menu.
To save the data into an Excel file, right-click the waveform graph
and select Export Data from the drop-down list that appears. A
Save
dialog box displays, prompting the user to save the data to
an appropriate folder location.
Figure 24. Example of the Waveform Tab After Running a Noise Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com