Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 115
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 115 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
7 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
9.
Static characteristics
[1]
Typical values are measured at Tamb = 25 C.
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level input voltage
VCC = 1.2 V
0.9
-
-
0.9
-
V
VCC = 2.0 V
1.4
-
-
1.4
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V
3.15
-
-
3.15
-
V
VCC = 6.0 V
4.20
-
-
4.20
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0.3
-
0.3
V
VCC = 2.0 V
-
-
0.6
-
0.6
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V
-
-
1.35
-
1.35
V
VCC = 6.0 V
-
-
1.80
-
1.80
V
II
input leakage current
VI =VCC or GND
VCC = 3.6 V
-
-
1.0
-
1.0
A
VCC = 6.0 V
-
-
2.0
-
2.0
A
IS(OFF)
OFF-state leakage current
VI = VIH or VIL; see Figure 8
VCC = 3.6 V
-
-
1.0
-
1.0
A
VCC = 6.0 V
-
-
2.0
-
2.0
A
IS(ON)
ON-state leakage current
VI = VIH or VIL; see Figure 9
VCC = 3.6 V
-
-
1.0
-
1.0
A
VCC = 6.0 V
-
-
2.0
-
2.0
A
ICC
supply current
VI = VCC or GND; IO = 0 A
VCC = 3.6 V
-
-
20
-
40
A
VCC = 6.0 V
-
-
40
-
80
A
I
CC
additional supply current
per input; VI = VCC  0.6 V;
VCC = 2.7 V to 3.6 V
--
500
-
850
A
CI
input capacitance
-
3.5
-
-
-
pF
Csw
switch capacitance
independent pins nYn
-
5
-
-
-
pF
common pins nZ
-
8
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com