Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 115
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 115 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
11 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
10. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 14.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay nYn, nZ to nZ, nYn; see Figure 12 [2]
VCC =1.2 V
-
25
-
-
-
ns
VCC =2.0 V
-
9
17
-
20
ns
VCC =2.7 V
-
6
13
-
15
ns
VCC = 3.0 V to 3.6 V
[3]
-5
10
-
12
ns
VCC =4.5 V
-
4
9
-
10
ns
VCC =6.0 V
-
3
7
-
8
ns
ten
enable time
E to nYn, nZ; see Figure 13
[2]
VCC = 1.2 V
-
100
-
-
-
ns
VCC =2.0 V
-
34
65
-
77
ns
VCC =2.7 V
-
25
48
-
56
ns
VCC = 3.0 V to 3.6 V; CL =15pF [3]
-16
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-19
38
-
45
ns
VCC =4.5 V
-
17
32
-
38
ns
VCC =6.0 V
-
13
25
-
29
ns
Sn to nYn, nZ; see Figure 13
[2]
VCC = 1.2 V
-
125
-
-
-
ns
VCC =2.0 V
-
43
82
-
97
ns
VCC =2.7 V
-
31
60
-
71
ns
VCC = 3.0 V to 3.6 V; CL =15pF [3]
-20
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-24
48
-
57
ns
VCC =4.5 V
-
21
41
-
48
ns
VCC =6.0 V
-
16
31
-
37
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com