Electronic Components Datasheet Search
  English  ▼

X  

115 Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part # 115
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

115 Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 115 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 115 Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
15 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
10.2 Additional dynamic parameters
[1]
Adjust fi voltage to obtain 0 dBm level at output for 1 MHz (0 dBm = 1 mW into 50 ).
[2]
Adjust fi voltage to obtain 0 dBm level at output for 1 MHz (0 dBm = 1 mW into 600 ).
Table 11.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); VI = GND or VCC (unless otherwise
specified); tr = tf  6.0 ns; Tamb = 25 C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic
distortion
fi = 1 kHz; CL = 50 pF; RL =10k; see Figure 19
VCC =3.0 V; VI =2.75V(p-p)
-
0.8
-
%
VCC =6.0 V; VI =5.5 V(p-p)
-
0.4
-
%
fi = 10 kHz; CL = 50 pF; RL =10k; see Figure 19
VCC =3.0 V; VI =2.75V(p-p)
-
2.4
-
%
VCC =6.0 V; VI =5.5 V(p-p)
-
1.2
-
%
f(3dB)
3 dB frequency
response
CL = 50 pF; RL =50 ; see Figure 15
[1]
VCC = 3.0 V
-
180
-
MHz
VCC = 6.0 V
-
200
-
MHz
iso
isolation (OFF-state)
fi = 1 MHz; CL =50 pF; RL =600 ; see Figure 17
[2]
VCC =3.0 V
-
50
-
dB
VCC =6.0 V
-
50
-
dB
Vct
crosstalk voltage
between digital inputs and switch;
fi = 1 MHz; CL =50 pF; RL =600 ; see Figure 20
[2]
VCC =3.0 V
-
0.11
-
V
VCC = 6.0 V
-
0.12
-
V
Xtalk
crosstalk
between switches; fi = 1 MHz; CL = 50 pF;
RL = 600 ;see Figure 21
VCC =3.0 V
-
60
-
dB
VCC =6.0 V
-
60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com