Electronic Components Datasheet Search
  English  ▼

X  

LMX2624PAP/EM Datasheet(PDF) 21 Page - Texas Instruments

Part # LMX2624PAP/EM
Description  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2624PAP/EM Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 18Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 19Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
5.8 Typical Characteristics (continued)
Unless stated otherwise, the following conditions can be assumed: Temperature = 25°C, Vcc = 3.3V, OUTx_PWR=7,
OSCIN_P driven single ended with 10dBm at pin.
Output Frequency (MHz)
3000
7500
12000
16500
21000
25500
30000
400
420
440
460
480
500
520
540
560
580
600
620
640
660
680
TC = -55°C
TC = 25°C
TC = 125°C
Single channel enabled
Figure 5-38. Current Consumption vs Output Frequency
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com