Electronic Components Datasheet Search
  English  ▼

X  

LMX2624PAP/EM Datasheet(PDF) 80 Page - Texas Instruments

Part # LMX2624PAP/EM
Description  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2624PAP/EM Datasheet(HTML) 80 Page - Texas Instruments

Back Button LMX2624PAP/EM Datasheet HTML 76Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 77Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 78Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 79Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 80Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 81Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 82Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 83Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Figure 7-4. LMX2624-SP TICS Pro Setup
7.2.3 Application Curve
Using the settings described, the 12GHz performance measured using a clean 100MHz input reference is
shown. Note the loop bandwidth is about 350kHz, as simulations predict.
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
80
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com