Electronic Components Datasheet Search
  English  ▼

X  

LMX2624PAP/EM Datasheet(PDF) 85 Page - Texas Instruments

Part # LMX2624PAP/EM
Description  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2624PAP/EM Datasheet(HTML) 85 Page - Texas Instruments

Back Button LMX2624PAP/EM Datasheet HTML 81Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 82Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 83Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 84Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 85Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 86Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 87Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 88Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X 0.27
0.17
60X 0.5
PIN 1 ID
(0.127)
TYP
0.15
0.05
0 -7
4X 7.5
12.2
11.8 TYP
6.08
4.67
B
10.2
9.8
NOTE 3
A
10.2
9.8
NOTE 3
0.75
0.45
0.25
GAGE PLANE
1.2 MAX
(1)
PLASTIC QUAD FLATPACK
PLASTIC QUAD FLATPACK
PowerPAD TQFP - 1.2 mm max height
PAP0064E
4228332/A 01/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs.
4. Strap features may not be present.
5. Reference JEDEC registration MS-026.
PowerPAD is a trademark of Texas Instruments.
TM
1
16
17
32
33
48
49
64
0.08
C A B
SEE DETAIL A
SEATING PLANE
TYPICAL
A 17
DETAIL A
0.08 C
1
SCALE 1.300
16
17
32
33
48
49
64
65
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com