Electronic Components Datasheet Search
  English  ▼

X  

LMX2624PAP/EM Datasheet(PDF) 32 Page - Texas Instruments

Part # LMX2624PAP/EM
Description  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMX2624PAP/EM Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments LMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Device 1
Device 2
fOUT1
fOUT2
fOSC
SYNC
SYNC
fOSC
t1
fOUT1
fOUT2
t2
Figure 6-4. Multi-device Synchronization Using SYNC input
When the SYNC feature is enabled (VCO_PHASE_SYNC = 1), part of the channel divide (IncludedDivide) can
be included in the feedback path. When IncludedDivide is not equal to 1:
• N divider is smaller. Care must be taken not to violate the minimum N divider restriction. Also make use of the
FCAL_HPFD_ADJ register as per phase detector frequency range for valid VCO calibration.
Table 6-11. IncludedDivide With VCO_PHASE_SYNC = 1
OUTx_MUX
CHANNEL DIVIDER
IncludedDivide
OUTA_MUX = OUTB_MUX = 1 ("VCO") OUTA_MUX =
OUTB_MUX = 2 ("Doubler")
Don't Care
1 (bypassed)
All Other Valid Conditions
Divisible by 3
6
All other values
4
Div 2
or 3
Divide by
2, 4, 8, 16, 32,
64, 128, 256
MU
X
MU
X
RFoutA
VC
O
RFoutB
Div 2
Charge
Pump
N Divider
x2
Post-R
Divider
Pre-R
Divider
External loop filter
OSCin
Buffer
OSCin
mux
MU
X
(IncludedDivide)
Figure 6-5. Phase SYNC Diagram
Phase SYNC refers to the process of getting the same phase relationship for every power up cycle and each
time assuming that a given programming procedure is followed. However, there are some adjustments that
can be made to get the most accurate results. As for the consistency of the phase SYNC, the only source
of variation can be if the VCO calibration chooses a different VCO core and capacitor, which can introduce a
bimodal distribution with about 10ps of variation. If this 10ps is not desirable, then the variation can be eliminated
by reading back the VCO core, capcode, and DACISET values and forcing these values to provide the same
calibration settings every time.
6.3.13.2 Categories of Applications for SYNC
The requirements for SYNC depend on certain setup conditions. In cases that the SYNC is not timing critical, the
SYNC can be done through software by toggling the VCO_PHASE_SYNC bit from 0 to 1. Figure 6-6 provides
the different categories. When timing is critical, then SYNC must be done through the pin and the setup and hold
times for the OSCin pin are critical. For timing critical sync (Category 3) ONLY, adhere to the following SYNC Pin
Timing Characteristics for Category 3 SYNC.
Table 6-12. SYNC Pin Timing Characteristics for Category 3 SYNC
Parameter
Description
Min
Max
Unit
fOSC
Input Reference Clock Frequency
50
MHz
tSETUP
Setup time between SYNC and OSCin rising edges
2.5
ns
tHOLD
Hold time between SYNC and OSCin rising edges
2.5
ns
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com