Electronic Components Datasheet Search
  English  ▼

X  

LTC6910 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6910
Description  USB 3.0 Quad-Channel IEPE Vibration Sensor Measurement System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6910 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6910 Datasheet HTML 2Page - Analog Devices LTC6910 Datasheet HTML 3Page - Analog Devices LTC6910 Datasheet HTML 4Page - Analog Devices LTC6910 Datasheet HTML 5Page - Analog Devices LTC6910 Datasheet HTML 6Page - Analog Devices LTC6910 Datasheet HTML 7Page - Analog Devices LTC6910 Datasheet HTML 8Page - Analog Devices LTC6910 Datasheet HTML 9Page - Analog Devices LTC6910 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Circuit Note
CN-0582
analog.com
Rev. A | 8 of 10
8-channel inputs, making it relatively easy to increase the captured
channels for the current system.
The CN0549 is a single-channel IEPE-compliant, CbM develop-
ment platform geared toward software development.
CIRCUIT EVALUATION AND TEST
The circuit test and evaluation demonstration highlight the capabili-
ties of the EVAL-CN0582-EBZ using C#-based Windows PC appli-
cation. For complete details on using the hardware and software,
check out the CN0582 User Guide.
EQUIPMENT NEEDED
►
EVAL-CN0582-USBZ Evaluation Board
►
CN0582 Evaluation Software
►
Host PC (Windows)
►
Vibration Shaker (9363-ED-2F4K-5N, King Design)
►
Reference and Test Sensors (Reference: PCBM352C67)
►
Audio Analyzer (Audio Precision© APX525)
►
Oscilloscope (Rohde & Schwarz® RT1004)
►
USB Type-C cable
►
SMA cable
►
BNC to BNC cable
GETTING STARTED
This section discusses the general procedure to set up the evalua-
tion test for the EVAL-CN0582-USBZ.
The setup requires the EVAL-CN0582-USBZ to be connected to a
Windows PC, with the CN0582 evaluation software installed; and
then to a vibration shaker, which acts as the stimulus for device
under test (DUT) measurements, as displayed in Figure 12.
Figure 12. EVAL-CN0582-USBZ System Test Setup
To test the basic functions of the board, follow these instructions:
1. Install the CN0582 Evaluation Software to the Host PC based
on the instructions listed in software installation guide.
2. After installing the software, connect the EVAL-CN0582-USBZ
board sensors to any of the analog inputs of using an SMA
cable; following these channel assignments:
a. CH0 for the Piezo reference sensor.
b. CH1 to CH3 for the DUT sensors (IEPE, MEMS, etc).
3. Connect USB Type-C cable to EVAL-CN0582-USBZ, and then
plug it in to the Host PC.
4. Open the software and for simple data capture, select DAQ
from the window options as shown in Figure 13.
Figure 13. CN0582 Evaluation Software
5. Configure the software for the different settings required by the
sensor such as input signal coupling, offset, and gain. Enter the
recommended settings from Table 3 into the corresponding GUI
fields shown in Figure 14.
Table 3. Recommended Channel Settings
Current Source switch
ON for CH0, CH1
OFF for CH2, CH3
Coupling
DC for all channels
Gain
x1 for all channels
Level Shift Voltage
10500 to 13000 for each channel
Adjust accordingly depending on
the connected sensor per channel.
Figure 14. Graphical Software Configuration Options
6. On the top right pane of the GUI, set the output parameters of
the signal generator following the input values suitable for the
vibration shaker as shown in Table 4.
Table 4. Recommended Signal Generator Settings
Amplitude
500 mVp-p
Frequency
1000 Hz
7. Under the 'Channel Selector' field, switch on CH0 and CH1 to
display plots. Toggle the data capture 'Mode' button depending
on the preferred plot results.
8. Connect analog output of EVAL-CN0582-USBZ to the vibration
shaker using a BNC to BNC cable.
Note: Connect the analog output to the vibration shaker only
when the software has finished uploading the firmware to the
EVAL-CN0582-USBZ to prevent damage to the instrument.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com