Electronic Components Datasheet Search
  English  ▼

X  

30298 Datasheet(PDF) 14 Page - Wiha Tools

Part # 30298
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30298 Datasheet(HTML) 14 Page - Wiha Tools

Back Button 30298 Datasheet HTML 10Page - Wiha Tools 30298 Datasheet HTML 11Page - Wiha Tools 30298 Datasheet HTML 12Page - Wiha Tools 30298 Datasheet HTML 13Page - Wiha Tools 30298 Datasheet HTML 14Page - Wiha Tools 30298 Datasheet HTML 15Page - Wiha Tools 30298 Datasheet HTML 16Page - Wiha Tools 30298 Datasheet HTML 17Page - Wiha Tools 30298 Datasheet HTML 18Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
Toll Free: (800) 494-6104
Wiha SoftFinish® Bit Holders
Bit Holder 1/4” with Retaining Ring
With Flexible Shaft Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch mm Inch mm Inch lbs. pkg.
38600 1/4” 150 5.9 268 10.6 .30 1
38600
Plastic coated
flexible metal
Stainless steel with retaining ring
Magnetic 1/4” Bit Holder With Wiha
SoftFinish® Stubby Handle Stainless steel
with strong magnet. Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch mm Inch lbs. pkg.
28103
1/4” 57
2.2
.11 1
28103
For working in
confined spaces
Drive-Loc VI Bit Holder
High alloy CVM steel, through hardened,
hard chrome finish. Wiha-SoftFinish® handle
multi-component, cushion grips.
Item
No.
Inch Extends
lbs. pkg.
28489
1/4” 1-3/4” to 4-7/8” .36 1
28489
Adjustable Blade Length
Magnetic Bit Holder
1/4” Magnetic Bit Holding Drivers,
With Wiha SoftFinish® Handle Ergonomic
cushion grip, magnetic, holds bit and screw.
Shaft CVM steel, nickel-plated. Pkg. 1
Item
No.
Size mm Inch mm Inch lbs.
38450 1/4” 125 5.0
240 9.46 .23
38460 1/4” 300 11.8 400 15.69 .37
384
Magnetic
Retainer out of stainless steel
Wiha 3K Series Screwdrivers and Sets
Item
No.
Size mm Inch mm Inch lbs. pkg.
48401
1/4” 125 5.0
244 9.6 .24 1
1/4
” Bit holding Screwdriver, With
Wiha-Ergo 3K Handle Magnetic, holds bit &
screw. Retainer out of stainless steel. Shaft
CVM tool steel, nickel plated.
48401
Dual material handle has
molded soft grip panels
Exact fit
precision
machined
black tips
Blades made of
CVM tool steel,
chromed shaft
Hole in handle
for hanging
3K Ergonomic Series
Screwdrivers & Sets
Item
No.
Size mm Inch mm Inch
45831
1
80
3.1
187 7.3
45832
2
100 3.9
210 8.3
45833
3
150 5.9
271 10.7
Square Tip Screwdriver, With
Wiha-3K Series Handle Blade CVM steel,
hard chromed shaft. Wiha-3k Ergo handle,
cushion grip. Black tip.
Pkg. 1
458
3 Pc. Square Tip 3K Driver Set
Blade CVM, chrome nickel-plated. Wiha-3k
Ergo handle, cushion grip. Precision black tips.
Item
Slotted:
lbs.
No. 45891
#1, 2, 3
.52
45891
Screwdriver, With Wiha-3K Series Handle Blade high alloy CVM steel, hardened,
precision black tip. Molded on ergonomic Wiha-3K Series handle, impact resistant.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
45504
T6
60
2.4
3.2
9/64
145
5.7
.06
10
45508
T8
60
2.4
3.5
9/64
139
5.5
.06
10
45509
T9
60
2.4
4.0
5/32
149
5.8
.08
10
45525
T25
100
3.9
6.0
1/4
215
8.4
.20
10
45527
T27
115
4.5
7.0
9/32
240
9.4
.28
10
45530
T30
115
4.5
6.0
1/4
233
9.1
.21
10
45540
T40
130
5.1
7.0
9/32
248
9.7
.25
10
45545
T45
130
5.1
8.0
5/16
249
9.8
.30
10
45550
T50
130
5.1
9.0
3/8
249
9.8
.33
10
455
5 Pc.
Set Blade CVM steel,
hardened, precision black tip. Wiha-3k Ergo
handle, cushion grip.
Item
:
No.
T8, T10,
lbs.
45593
T15, T20, T25
.86
45593
lbs.
.14
.16
.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com