Electronic Components Datasheet Search
  English  ▼

X  

30298 Datasheet(PDF) 5 Page - Wiha Tools

Part # 30298
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30298 Datasheet(HTML) 5 Page - Wiha Tools

  30298 Datasheet HTML 1Page - Wiha Tools 30298 Datasheet HTML 2Page - Wiha Tools 30298 Datasheet HTML 3Page - Wiha Tools 30298 Datasheet HTML 4Page - Wiha Tools 30298 Datasheet HTML 5Page - Wiha Tools 30298 Datasheet HTML 6Page - Wiha Tools 30298 Datasheet HTML 7Page - Wiha Tools 30298 Datasheet HTML 8Page - Wiha Tools 30298 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
www.wihatools.com
7 Pc. Slotted & Phillips Set -
Extra Heavy Duty
Item
Slotted:
No.
5.5, 6.5, 8.0, 10.0mm
lbs.
53097
Phillips: #1, 2, 3
3.15
53097
10 Piece Slotted & Phillips Set -
Extra Heavy Duty
Item
Slotted: 3.5, 4.5, 5.5,
No.
6.5, 8.0, 10.0, 12.0mm
lbs.
53099
Phillips: #1, 2, 3
4.20
53099
SoftFinish® Extra Heavy Duty
Item
No.
mm Inch
mm Inch mm Inch mm Inch mm Inch
mm Inch lbs. pkg.
30813
3.5 .137 75 2.9
0.6 .023 186 7.3
4.0 5/32
30 1.18 .16
10
30814
4.5 .177 90 3.5
0.8 .032 201 7.9
4.0 5/32
30 1.18 .17
10
30815
5.5 .216 100 3.9
1.0 .039 213 8.4
5.0 13/64 36 1.42 .19
10
30816
6.5 .216 100 3.9
1.2 .047 213 8.4
6.0 1/4
36 1.42 .22
10
30817
6.5 .255 125 5.0
1.2 .047 238 9.4
6.0 1/4
36 1.42 .23
10
30820
7.0 .275 125 5.0
1.1 .043 238 9.4
6.0 1/4
36 1.42 .23
10
30825
8.0 .315 150 5.9
1.2 .047 271 10.7 8.0 5/16
41 1.61 .37
10
30830
10.0 .393 175 7.0
1.6 .063 296 11.7 8.0 5/16
41 1.61 .40
10
30835
12.0 .472 200 8.0
2.0 .079 321 12.6 10.0 25/64 41 1.61 .58
10
Slotted Screwdriver, Wiha-SoftFinish® Cushion Grip Handle
Hex blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips.
Hex bolster for additional torque (No Bolster 30813 & 30814)
308
Wiha SoftFinish® Heavy Duty Screwdriver
Item
No.
Size mm Inch
mm Inch
mm Inch
mm Inch
lbs. pkg.
31201
1
80
3.1
5.0
3/16
186 7.3
30 1.18
.13
10
31202
2
100 3.9
6.0
7/32
213 8.4
36 1.42
.21
10
31203
3
150 5.9
8.0
5/16
271 10.7
41 1.61
.37
10
Phillips Screwdriver, Wiha-SoftFinish® Cushion Grip Handle
Hex blade high alloy CVM steel, hardened, hard chromed.
Wiha-Chromtop finish on tips. Hex bolster for additional torque.
312
5 Piece Slotted & Phillips Set
Item
Slotted:
No.
5.5, 7.0, 8.0mm
lbs.
30892
Phillips: #1, 2
1.33
30892
8 Piece Slotted & Phillips Set
Item
Slotted: 5.5, 6.5,
No.
7.0, 8.0, 10.0mm
lbs.
30898
Phillips: #1, 2, 3
2.52
30898
6 Piece Slotted & Phillips Set
Item
Slotted: 3.5, 4.5,
No.
5.5, 7.0mm
lbs.
30896
Phillips: #1, 2
1.34
30896
Item No. 30276
Tip Size Blade
Tip Style
lbs.
30816
1/4
4” Hex
Keystone
1.87
30825
5/16
6” Hex
Keystone
30218
3/16”
3” Round Cabinet
30219
3/16”
6” Round Cabinet
30222
1/4”
4” Round Cabinet
31110
#1
3” Round Phillips
31115
#2
4” Round Phillips
7 Pc. Slotted & Phillips Set CVM
steel, hardened, hard chromed. Wiha-Chromtop
tips. Handle, multi-component, cushion grip.
30276
SoftFinish® Slotted & Phillips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com