Electronic Components Datasheet Search
  English  ▼

X  

30298 Datasheet(PDF) 38 Page - Wiha Tools

Part # 30298
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30298 Datasheet(HTML) 38 Page - Wiha Tools

Back Button 30298 Datasheet HTML 34Page - Wiha Tools 30298 Datasheet HTML 35Page - Wiha Tools 30298 Datasheet HTML 36Page - Wiha Tools 30298 Datasheet HTML 37Page - Wiha Tools 30298 Datasheet HTML 38Page - Wiha Tools 30298 Datasheet HTML 39Page - Wiha Tools 30298 Datasheet HTML 40Page - Wiha Tools 30298 Datasheet HTML 41Page - Wiha Tools 30298 Datasheet HTML 42Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
38
Toll Free: (800) 494-6104
Improved torque zone.
For all working conditions
Hex bolster for
additional torque
Flat surfaces
give roll-off
protection
Extra large diameter to
achieve high torque
Wiha T-Handle Nut Drivers
Nut Driver, With Wiha T-handle Blade CVM steel, hardened, nickel-plated. Wiha
T-handle high quality plastic, impact resistant. Deep drawn 1” socket, solid shaft.
Item
No.
mm
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
33603
6.0
125
4.9
157
6.2
100
4.0
.16
10
33606
8.0
125
4.9
157
6.2
100
4.0
.18
10
33607
8.0
200
7.9
232
9.1
100
4.0
.22
10
33609
9.0
125
4.9
157
6.2
100
4.0
.23
10
33612
10.0
125
4.9
157
6.2
100
4.0
.24
10
33614
10.0
230
9.0
262
10.3
100
4.0
.26
10
33620
12.0
125
4.9
157
6.2
100
4.0
.26
10
33622
13.0
125
4.9
157
6.2
100
4.0
.27
10
33623
13.0
230
9.0
262
10.3
100
4.0
.30
10
Nut Driver, With Wiha T-handle Blade CVM steel, hardened, nickel-plated.
Wiha T-handle high quality plastic, impact resistant. Deep drawn 1” socket, solid shaft.
Item
No.
Inch
Inch
mm
Inch
mm
Inch
mm
lbs.
pkg.
33653
3/16
6.0
150
7.2
182
4.0
100
.16
10
33659
1/4
6.0
150
7.2
182
4.0
100
.18
10
33665
5/16
6.0
150
7.2
182
4.0
100
.19
10
33671
3/8
6.0
150
7.2
182
4.0
100
.20
10
33674
7/16
6.0
150
7.2
182
4.0
100
.26
10
33677
1/2
6.0
150
7.2
182
4.0
100
.30
10
336
336
6 Pc. Nut Driver T-handle Set
Inch Sizes. Blade CVM steel, hardened,
nickel-plated. Wiha T-handle high quality
plastic, impact resistant. Deep drawn 1”
socket, solid shaft.
Item
No.
Inch
Inch
Inch
Inch
lbs.
33690
3/16
6.0
3/8
6.0
1.61
1/4
6.0
7/16
6.0
5/16
6.0
1/2
6.0
5 Piece Nut Driver T-handle Set
Metric Sizes. Blade CVM steel, hardened,
nickel-plated. Wiha T-handle high quality
plastic, impact resistant. Deep drawn 1” socket,
solid shaft.
Item
No.
mm
mm
mm
mm
lbs.
33691
6.0
125
10.0
125
1.57
8.0
125
13.0
125
9.0
125
33690
33691
Wiha SoftFinish® Triangle Nut Drivers
Triangle Nut Driver, With Wiha-SoftFinish® Handle
Blade Chrome-vanadium-molybdewnum steel, hardened. Wiha-SoftFinish® cushion grip handle.
Item
No.
Size
mm
Inch mm
Inch mm
Inch
mm Inch
lbs.
pkg.
34474
M4
6.8
.267 125
5”
236
9.3
30
1.18
.17
10
34475
M5
8.3
.326 125
5”
236
9.3
30
1.18
.19
10
34476
M6
10.1 .413 125
5”
236
9.3
30
1.18
.21
10
34478
M8
12.1 .474 125
5”
243
9.6
36
1.42
.23
10
34480
M10
15.1 .592 125
5”
243
9.6
36
1.42
.25
10
34482
M12
16.1 .651 125
5”
243
9.6
41
1.61
.27
10
344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com