Electronic Components Datasheet Search
  English  ▼

X  

30298 Datasheet(PDF) 17 Page - Wiha Tools

Part # 30298
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

30298 Datasheet(HTML) 17 Page - Wiha Tools

Back Button 30298 Datasheet HTML 13Page - Wiha Tools 30298 Datasheet HTML 14Page - Wiha Tools 30298 Datasheet HTML 15Page - Wiha Tools 30298 Datasheet HTML 16Page - Wiha Tools 30298 Datasheet HTML 17Page - Wiha Tools 30298 Datasheet HTML 18Page - Wiha Tools 30298 Datasheet HTML 19Page - Wiha Tools 30298 Datasheet HTML 20Page - Wiha Tools 30298 Datasheet HTML 21Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
www.wihatools.com
Wiha Drive-Loc VI Handles & Blades
28488 Drive-Loc VI Cushion Grip Handle
Wiha-SoftFinish® impact resistant, with roll off
protection.
Item
No.
mm mm Inch mm Inch lbs.
28488
6.0 115 4.5 36.0 1.41 .26
Blades high quality CVM
steel, hard chrome finish
Adjust
interchangeable
blades from
40 to 120mm
Drive-Loc mechanism guarantees a
secure hold & rapid blade exchange
For Adjustable Length
Locking Blades
28486 ESD Safe Drive-Loc VI Cushion Grip
Handle Wiha-SoftFinish® impact resistant, with
roll off protection.
Item
No.
mm mm Inch mm Inch lbs.
28486
6.0 115 4.5 36.0 1.41 .21
28487 Drive-Loc VI MicroFinish Non-Slip
Grip Handle Wiha-MicroFinish handle, won’t
peel, crack or deteriorate when exposed to
petroleum solvents.
Item
No.
mm mm Inch mm Inch lbs.
28487
6.0 115 4.5 36.0 1.41 .20
Blade length can be adjusted
from 1.7 to 4.7” In 1/8” increments
Slotted Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened,
hard chrome finish. OAL 150mm/5.9”.
Blades fit all Drive-Loc VI handles.
Item
No.
mm + mm
lbs.
pkg.
28106
3.5
4.5
.10
1
28108
5.5
6.5
.10
1
281
Slotted & Phillips Drive-Loc VI
Interchangeable Blade High alloy CVM steel,
through hardened, hard chrome finish. OAL
150mm/5.9”. Blades fit all Drive-Loc VI handles.
Item
No.
mm + Size
lbs.
pkg.
28107
3.0
0
.10
1
28109
4.0
1
.10
1
28110
6.0
2
.10
1
281
Phillips Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened,
hard chrome finish. OAL 150mm/5.9”. Blades fit
all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
28112
1
2
.10
1
28112
See Drive-Loc VI
Nut drivers on Page 39
Square Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened,
hard chrome finish. OAL 150mm/5.9”. Blades fit
all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
28137
1
2
.10
1
28137
Drive-Loc VI Standard Narrow
Profile Tech Handle Dynamic non-locking,
impact resistant, friction hold. Fits all Drive-Loc
blades. Does not have locking feature.
Item
No.
mm mm Inch mm Inch lbs.
6.0 135 5.3 15.2 .60
.16
10810
10810
D
Tri-wing® Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened,
hard chrome finish. OAL 150mm/5.9”. Blades
fit all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
28138
0
1
.10
1
28139
2
3
.10
1
28140
4
5
.10
1
281
Pozidriv® Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened,
hard chrome finish. OAL 150mm/5.9”. Blades fit
all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
28114
1
2
.10
1
28114
Ergonomic
handles in ESD
Safe, cushioned
& non-slip grip
Drive-Loc VI Interchangeable
Blade OAL 150mm/5.9”
Item
No.
Size + Size
lbs.
pkg.
28126
T6
T8
.10
1
28127
T7
T9
.10
1
28128
T10
T15
.10
1
28129
T20
T25
.10
1
28130
T30
T40
.10
1
281
Security
Drive-Loc VI
Interchangeable Blade OAL 150mm/5.9”
Item
No.
Size + Size
lbs.
pkg.
28132
T6s
T8s
.10
1
28133
T7s
T9s
.10
1
28134
T10s T15s .10
1
28135
T20s T25s .10
1
28136
T30s T40s .10
1
281
Torq Set® Drive-Loc VI Interchangeable
Blade High alloy CVM steel, through hardened,
hard chrome finish. OAL 150mm/5.9”. Blades fit
all Drive-Loc VI handles.
Item
No.
Size + Size
lbs.
pkg.
28142
2
4
.08
1
28143
6
8
.10
1
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com