Electronic Components Datasheet Search
  English  ▼

X  

01657 Datasheet(PDF) 26 Page - Wiha Tools

Part # 01657
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01657 Datasheet(HTML) 26 Page - Wiha Tools

Back Button 01657 Datasheet HTML 22Page - Wiha Tools 01657 Datasheet HTML 23Page - Wiha Tools 01657 Datasheet HTML 24Page - Wiha Tools 01657 Datasheet HTML 25Page - Wiha Tools 01657 Datasheet HTML 26Page - Wiha Tools 01657 Datasheet HTML 27Page - Wiha Tools 01657 Datasheet HTML 28Page - Wiha Tools 01657 Datasheet HTML 29Page - Wiha Tools 01657 Datasheet HTML 30Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
2820 B11
SYSTEM 6 reversible blades set, 11 pcs.
Slotted/ Phillips/ Pozidriv/ TORX®/ hex/ ball end hex.
Blade:
High quality chrome-vanadium molybdenum steel, through-hardened, titanium
silver, lasered output sizes.
Handle:
SYSTEM 6 Topra 2K pistol ratchet.
Ergonomic pistol handle for high torques.
Maximum transmission of force due to soft and hard zones which are adapted
manually.
Finely serrated ratchet with 72 teeth enables 5° switching angle: guarantees
precise work when things get tight.
Low range of motion for quick work, e.g. in 2-finger access.
Application:
Set with pistol handle and blades in a stable box for professional use.
Ord.No.
39125
1
Ord.No. Quantity
38914
1
6,0
107
121
39255
0
1/4
45
6
11,4
00629
1
4,0
6,0
0,8
1,0
150
6,0
00630
1
5,5
6,5
1,0
1,2
150
6,0
00631
1
150
6,0
PH1
PH2
00632
1
150
6,0
PZ1
PZ2
00656
1
150
6,0
T10
T15
00657
1
150
6,0
T20
T25
00658
1
150
6,0
T30
T40
00637
1
4
150
6,0
4
00638
1
5
150
6,0
5
00639
1
6
150
6,0
6
All prices are quoted net/pc.
Page 26 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com