Electronic Components Datasheet Search
  English  ▼

X  

01657 Datasheet(PDF) 35 Page - Wiha Tools

Part # 01657
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01657 Datasheet(HTML) 35 Page - Wiha Tools

Back Button 01657 Datasheet HTML 31Page - Wiha Tools 01657 Datasheet HTML 32Page - Wiha Tools 01657 Datasheet HTML 33Page - Wiha Tools 01657 Datasheet HTML 34Page - Wiha Tools 01657 Datasheet HTML 35Page - Wiha Tools 01657 Datasheet HTML 36Page - Wiha Tools 01657 Datasheet HTML 37Page - Wiha Tools 01657 Datasheet HTML 38Page - Wiha Tools 01657 Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Z 18 0 06
BiCut Professional electric - switchable high-performance diagonal cutters.
Individually tested protective insulation 1,000 V AC, VDE and GS tested.
Standards:
Based on DIN ISO 5749.
Head shape:
Semi-circular.
Design:
Clever - BiCut does the job of two pairs of pliers.
Powerful - Up to 50% less hand strength required for cutting.
Power - Cutting force doubled for extremely hard materials.
Comfortable - Easily switch between the two strengths in a one handed operation.
Robust and durable - Cutter blades induction hardened up to 64 HRC.
Material:
Hard as steel - Drop forged of high-quality C70 steel.
Application:
For cutting various materials from soft to extremely hard, such as cables, nails,
screws, bolts, wire cable, spring wire, chains, etc.
For all work on or around electrical components up to 1,000 V AC.
Ord.No.
38191
5
200
8
3,5
3
350
All prices are quoted net/pc.
Page 35 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com