Electronic Components Datasheet Search
  English  ▼

X  

01657 Datasheet(PDF) 34 Page - Wiha Tools

Part # 01657
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01657 Datasheet(HTML) 34 Page - Wiha Tools

Back Button 01657 Datasheet HTML 30Page - Wiha Tools 01657 Datasheet HTML 31Page - Wiha Tools 01657 Datasheet HTML 32Page - Wiha Tools 01657 Datasheet HTML 33Page - Wiha Tools 01657 Datasheet HTML 34Page - Wiha Tools 01657 Datasheet HTML 35Page - Wiha Tools 01657 Datasheet HTML 36Page - Wiha Tools 01657 Datasheet HTML 37Page - Wiha Tools 01657 Datasheet HTML 38Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
Z 18 0 05
BiCut Professional - switchable high-performance diagonal cutters.
Standards:
Based on DIN ISO 5749.
Head shape:
Semi-circular.
Design:
Clever - BiCut does the job of two pairs of pliers.
Powerful - Up to 50% less hand strength required for cutting.
Power - Cutting force doubled for extremely hard materials.
Comfortable - Easily switch between the two strengths in a one handed operation.
Robust and durable - Cutter blades induction hardened up to 64 HRC.
Material:
Hard as steel - Drop forged of high-quality C70 steel.
Application:
For cutting various materials from soft to extremely hard, such as cables, nails,
screws, bolts, wire cable, spring wire, chains, etc.
Ord.No.
38190
5
200
8
3,5
3
350
All prices are quoted net/pc.
Page 34 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com