Electronic Components Datasheet Search
  English  ▼

X  

01657 Datasheet(PDF) 31 Page - Wiha Tools

Part # 01657
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01657 Datasheet(HTML) 31 Page - Wiha Tools

Back Button 01657 Datasheet HTML 27Page - Wiha Tools 01657 Datasheet HTML 28Page - Wiha Tools 01657 Datasheet HTML 29Page - Wiha Tools 01657 Datasheet HTML 30Page - Wiha Tools 01657 Datasheet HTML 31Page - Wiha Tools 01657 Datasheet HTML 32Page - Wiha Tools 01657 Datasheet HTML 33Page - Wiha Tools 01657 Datasheet HTML 34Page - Wiha Tools 01657 Datasheet HTML 35Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
7947-904
FlipSelector Standard, assorted, 13-pcs.
Housing:
Box of impact resistant, glass-fibre reinforced polyamide - permanently robust.
Bit clamping element can be swivelled 180°.
Extra folding element for the magnetic bit holder.
Bits:
25 mm Standard bits.
Application:
Compact bit box with 13 high quality bits.
Slide the Wiha logo down – and the bits are immediately available for removal.
All types of fastening in trade and industry.
Extra:
Design tried and tested a million times
Always ready to use - easily fits into trouser pockets or the belt clip.
Ord.No.
39040
10
Ord.No. Quantity
01895
1
1/4
1/4
58
01658
2
PH2
25
01688
1
25
PZ1
01689
2
25
PZ2
01690
1
25
PZ3
01716
1
25
T10
01717
1
25
T15
01718
1
25
T20
01719
1
25
T25
01721
1
25
T30
01722
1
25
T40
All prices are quoted net/pc.
Page 31 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com