Electronic Components Datasheet Search
  English  ▼

X  

HB2000ES Datasheet(PDF) 20 Page - NXP Semiconductors

Part # HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 16Page - NXP Semiconductors HB2000ES Datasheet HTML 17Page - NXP Semiconductors HB2000ES Datasheet HTML 18Page - NXP Semiconductors HB2000ES Datasheet HTML 19Page - NXP Semiconductors HB2000ES Datasheet HTML 20Page - NXP Semiconductors HB2000ES Datasheet HTML 21Page - NXP Semiconductors HB2000ES Datasheet HTML 22Page - NXP Semiconductors HB2000ES Datasheet HTML 23Page - NXP Semiconductors HB2000ES Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
20 / 34
6 Installing the software and setting up the hardware
6.1 Configuring the hardware
The FRDM-HB2000ESEVM consists of an H-Bridge, a parallel and SPI interface, power
conditioning circuitry and a FRDM-KL25Z board. The board can be configured for use
with a FRDM-KL25Z board or a function generator.
Caution
When using the FRDM-HB2000ESEVM, make sure that the maximum motor supply voltage (VPWR) stays
within the 5.0 V to 40 V range. Operating outside this range may cause damage to the board.
6.1.1 Step-by-step instructions for setting up the hardware for use with a
FRDM-KL25Z
To configure the FRDM-HB2000ESEVM for use with the FRDM-KL25Z do the following:
1. Connect the FRDM-HB2000ESEVM to the FRDM-KL25Z using the Arduino
connectors on each board.
2. Connect the USB cable (not supplied with the kit) between the PC and the KL25Z
USB port on the FRDM-KL25Z board.
3. With the power switched off, attach the DC power supply to the VBAT and GND screw
connector terminal (J20) on the evaluation board.
4. Connect the load to the screw terminal (J21).
Figure 13 illustrates the hardware configuration using a FRDM-KL25Z.
Figure 13. FRDM-HB2000ESEVM configured for use with a FRDM-KL25Z board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com