Electronic Components Datasheet Search
  English  ▼

X  

HB2000ES Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Datasheet(HTML) 5 Page - NXP Semiconductors

  HB2000ES Datasheet HTML 1Page - NXP Semiconductors HB2000ES Datasheet HTML 2Page - NXP Semiconductors HB2000ES Datasheet HTML 3Page - NXP Semiconductors HB2000ES Datasheet HTML 4Page - NXP Semiconductors HB2000ES Datasheet HTML 5Page - NXP Semiconductors HB2000ES Datasheet HTML 6Page - NXP Semiconductors HB2000ES Datasheet HTML 7Page - NXP Semiconductors HB2000ES Datasheet HTML 8Page - NXP Semiconductors HB2000ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
5 / 34
4.3 Block diagram
MC33HB2000
Power Supply
Reverse
Battery and
Transient
Protection
5V Voltage
Regulator
VPWR
LED
VDD LED
Charge Pump Capacitor
VPWR
CCP
IN1
IN2
ENBL
MOSI
CFB
OUT2
OUT1
FS_B
All Grounds
FS_B LED
FWD LED
REV LED
Load
From
MCU
GPIO
To MCU
ADC input
To MCU
GPIO
Optional 5.0 V Supply to FRDM
Optional 3.3 V Supply from FRDM
DIS
MISO
SCLK
CSB
MCU
SPI
Shunt
Resistor
VDDQ
Figure 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com