Electronic Components Datasheet Search
  English  ▼

X  

HB2000ES Datasheet(PDF) 30 Page - NXP Semiconductors

Part # HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 26Page - NXP Semiconductors HB2000ES Datasheet HTML 27Page - NXP Semiconductors HB2000ES Datasheet HTML 28Page - NXP Semiconductors HB2000ES Datasheet HTML 29Page - NXP Semiconductors HB2000ES Datasheet HTML 30Page - NXP Semiconductors HB2000ES Datasheet HTML 31Page - NXP Semiconductors HB2000ES Datasheet HTML 32Page - NXP Semiconductors HB2000ES Datasheet HTML 33Page - NXP Semiconductors HB2000ES Datasheet HTML 34Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
30 / 34
Item
Qty Schematic
label
Value
Description
Part number
Assy
opt
Switches, connectors, jumpers, and test points[1]
21
18
IN1, GND1,
IN2, GND2,
GND3,
VPWR,
VDDQ,
VDD, SCLK,
MOSI,
MISO,
GND, FS_B,
ENBL, DIS,
CS_B,
CFB_V,
CCP
TEST POINT BLACK 40 MIL DRILL 180
MIL TH 109L
5001
22
10
J1, J2, J3,
J4, J5, J6,
J7, J8, J14,
J17
HDR 1X3 TH 100 MIL SP 374H AU
826629-3
23
1
J10
HDR 2X10 TH 100 MIL CTR 330H AU
100L
TSW-110-07-S-D
24
5
J11, J15,
J18, J19,
J26
HDR 1X2 TH 100 MIL SP 378H AU
130L
826629-2
25
2
J20, J21
CON 1X2 TB TH 5.08 MM 543H SN
138L
20020316-H021B01LF
26
1
J23
HDR 2X6 TH 100 MIL CTR 330H AU
TSW-106-07-S-D
27
2
J24, J25
HDR 2X8 TH 100 MIL CTR 330H AU
TSW-108-07-G-D
28
1
Q1
TRAN NMOS PWR 30 A 55 V
AEC‑Q101 TO252
IPD30N06S2-15
29
1
Q3
TRAN NPN DRIVER 500 mA 80 V
AEC‑Q101 SOT23
SMMBTA06LT1G
[1]
NXP does not assume liability, endorse, or warrant components from external manufacturers are referenced in circuit drawings or tables. While NXP
offers component recommendations in this configuration, it is the responsibility of the customer to validate their application.
[2]
Critical components. For critical components, it is vital to use the manufacturer listed.
10 Accessory item bill of materials
Table 13. Accessory item bill of materials
Item
Qty
Part Number
Description
1
1
FRDM-KL25Z[1]
NXP Freedom development platform for Kinetis KL14, KL15, KL24, KL25
MCUs
[1]
NXP does not assume liability, endorse, or warrant components from external manufacturers are referenced in circuit drawings or tables. While NXP
offers component recommendations in this configuration, it is the responsibility of the customer to validate their application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com