Electronic Components Datasheet Search
  English  ▼

X  

HB2000ES Datasheet(PDF) 12 Page - NXP Semiconductors

Part # HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 8Page - NXP Semiconductors HB2000ES Datasheet HTML 9Page - NXP Semiconductors HB2000ES Datasheet HTML 10Page - NXP Semiconductors HB2000ES Datasheet HTML 11Page - NXP Semiconductors HB2000ES Datasheet HTML 12Page - NXP Semiconductors HB2000ES Datasheet HTML 13Page - NXP Semiconductors HB2000ES Datasheet HTML 14Page - NXP Semiconductors HB2000ES Datasheet HTML 15Page - NXP Semiconductors HB2000ES Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
12 / 34
Name
Signal
Jumper
position
Connection
1−2
MISO control through MCU SPI output J10 pin 10 (SPI_MISO)
J8
MISO
2−3
MISO not connected for operation without SPI
J11
CFB
1−2
CFB connected to 200 Ω resistor
1−2
VDD connected to VDDQ
J14
VDDQ
2−3
VDDQ not connected
1−2
VDD supply from regulator U2
J17
VDD
2−3
VDD supply from FRDM board
J18
CFB_R
1−2
CFB connected to MCU ADC input J10 pin 17 (CFB_READ)
J19
FS_B
1−2
FS_B connected to the pull-up resistor
J26
VDD_REG
1−2
VDD to FRDM board
J15
EX_IN
open
IN1 and IN2 external inputs
The FRDM-HB2000ESEVM, with a FRDM-KL25Z board (shipped with the kit), can
evaluate the design with a GUI, any MCU with GPIO or with simple lab equipment. A
FRDM-KL25Z compatible GUI and MCU program are available online at the following
link: http://www.nxp.com/FRDM-HB2000ESEVM.
The FRDM-HB2000ESEVM is compatible with any Arduino platform board. However, if a
board other than the FRDM-KL25Z is used, MCU code must be written to work with the
board.
4.7 Input signal definitions
The following input signals control the outputs or functions inside the circuit.
Table 5. Input signal definitions
Input name
Description
DIS
disable signal to 3-state the outputs
ENBL
disable signal to 3-state the output and put the part in Sleep mode
IN1
logic input to control OUT1
IN2
logic input to control OUT2
MOSI
master output slave input for the SPI
CS_B
chip select bar input for the SPI
SCLK
clock for the SPI
4.8 Output signal definitions
The FRDM-HB2000ESEVM uses the following output signals to drive a load such as
a brushed DC motor. The board provides an analog output for real-time load current
monitoring. This signal allows closed-loop control of the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com