Electronic Components Datasheet Search
  English  ▼

X  

76802 Datasheet(PDF) 10 Page - Wiha Tools

Part # 76802
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76802 Datasheet(HTML) 10 Page - Wiha Tools

Back Button 76802 Datasheet HTML 6Page - Wiha Tools 76802 Datasheet HTML 7Page - Wiha Tools 76802 Datasheet HTML 8Page - Wiha Tools 76802 Datasheet HTML 9Page - Wiha Tools 76802 Datasheet HTML 10Page - Wiha Tools 76802 Datasheet HTML 11Page - Wiha Tools 76802 Datasheet HTML 12Page - Wiha Tools 76802 Datasheet HTML 13Page - Wiha Tools 76802 Datasheet HTML 14Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
SoftFinish® CushionGrip
Stubby Bit Holder with Wiha cushion grip
handle and CVM tool steel shaft.
Set includes the following 1/4” bits:
lbs.
: T8, T10, T15,
.20
T20, T25, T30
XSelector Bit Set With
Bits
Set Includes 1/4” Magnetic Bit Holder
& the following 10 bits:
lbs.
: T7, T8, T9, T10, T15,
.29
T20, T25, T27, T30, T40
Multi-Bit Screwdriver
with Wiha Powerhandle.
lbs. .40
Includes the following 1/4” bits:
:
T5, T6, T7, T8, T9, T10
Bit-Selector With
Bits
Includes Auto Lock Magnetic 1/4” Bit Holder
& The Following 10 Insert Bits:
lbs.
: T7, T8, T9, T10,
.34
T15, T20, T25, T27, T30, T40
Bit-Selector With
Bits
Includes Universal Magnetic 1/4” Bit Holder
& The Following 10 Insert Bits:
lbs.
: T5, T6, T7, T8, T9,
.32
T10, T15, T20, T25, T30
PokitPak -
Insert Bits In
Molded Case - Includes 6 - 1/4” Insert Bits
& Magnetic Bit Holder
lbs. .16
:
T8, T10, T15, T20, T25, T30
Power Bit Belt Pack With
Bits
Includes the following 10 bits:
lbs. .28
: T6, T7, T8, T9,
T10, T15, T20, T25, T27, T30
Wiha
Insert Bit Sets
79242
79245
79445
71195
74985
38045
38003
Pop-Up Bit Screwdriver Set
Wiha Cushion Grip handle, multi-component
.
Compact storage for 12 bits in the handle.
Set includes the following 1/4” bits:
lbs.
: T5, T6, T7, T8, T9, T10,
.42
T15, T20, T25, T27, T30, T40
38044
Bit holder stainless
steel, magnetic
10 Pack
Insert Bit Pack
CVM S2 modified tool steel.
:
lbs.
T7, T8, T9, T10, T15
.16
T20, T25, T27, T30, T40
72595
Wiha Insert Bit Blister Pack
Wiha Stainless Steel Insert Bits & Power Bits
Stainless Steel
Bits, 1/4”
Item
No.
Size mm
pkg.
71500
T8
25
1
71502
T10 25
1
71513
T40 25
1
Stainless Steel
Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Size mm pkg.
70411
T15
50
1
70414
T25
50
1
70416
T30
50
1
70417
T40
50
1
715
704
Wiha
Insert Bit &
Power Bit Sets
11 Piece
Insert Bit Pack &
Socket Set CVM S2 modified tool steel.
1/4” to 3/8” Drive Socket
1/4” Bits: T10, T15, T20, T25, T27, T30
5/16” to 3/8” Drive Socket
5/16” Bits: T40, T45, T50
Wiha Insert Bit
& Socket Set
72590
lbs.
.36
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com