Electronic Components Datasheet Search
  English  ▼

X  

76802 Datasheet(PDF) 4 Page - Wiha Tools

Part # 76802
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76802 Datasheet(HTML) 4 Page - Wiha Tools

  76802 Datasheet HTML 1Page - Wiha Tools 76802 Datasheet HTML 2Page - Wiha Tools 76802 Datasheet HTML 3Page - Wiha Tools 76802 Datasheet HTML 4Page - Wiha Tools 76802 Datasheet HTML 5Page - Wiha Tools 76802 Datasheet HTML 6Page - Wiha Tools 76802 Datasheet HTML 7Page - Wiha Tools 76802 Datasheet HTML 8Page - Wiha Tools 76802 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
Impact rated bits for long life in impact applications
Standard 1/4” drive - No special adaptor required
Wiha enhanced bi-material torsion zone
Precision machined exact fit tips
Wiha exclusive CVM tool steel
Guaranteed to out perform impact imposters
Phillips Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
Size
mm
pkg.
76501
1
29
10
76502
2
29
10
76503
3
29
10
765
Pozidriv® Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
Size
mm
pkg.
76506
1
29
10
76507
2
29
10
76508
3
29
10
Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
Size
mm
pkg.
76510
T10
29
10
76511
T15
29
10
76512
T20
29
10
76513
T25
29
10
76514
T27
29
10
76516
T30
29
10
76517
T40
29
10
Square Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
Size
mm
pkg.
76538
1
29
10
76539
2
29
10
76540
3
29
10
Dual material
impact absorbing
torsion zone
Phillips Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
Size
mm
pkg.
76801
1
29
2
76802
2
29
2
76803
3
29
2
Pozidriv® Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
Size
mm
pkg.
76806
1
29
2
76807
2
29
2
76808
3
29
2
Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
Size
mm
pkg.
76810
T10
29
2
76811
T15
29
2
76812
T20
29
2
76813
T25
29
2
76814
T27
29
2
76816
T30
29
2
76817
T40
29
2
Square Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
Size
mm
pkg.
76838
1
29
2
76839
2
29
2
76840
3
29
2
Up To 30X
Performance
Over Standard
Screwdriver Bits
1/4” Drive Insert & Power Bits
768
765
768
765
768
765
768
Impact Bits
Ready For Sudden Impact!
42 Pc. Combo Bit Set With
Terminator Impact Bits & Ultra Driver Bit Set
Item No. 76898
lbs. .92
Terminator Impact Bits:
Phillips: #1, 2 (2), 3
Square: #1, 2 (2), 3
Torx®: T10, T15, T20 (2), T25 (2),T30 (2), T40
Hex Metric: 3.0, 4.0, 5.0, 6.0mm
Hex Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Double End Ultra Driver Bits:
Slotted: 3.0+4.5, 5.5+6.5mm
Phillips: #1+2, #0+3
Pozidriv®: #1+2
Square: #1+2, #0+3
Torx®: T10+T15, T20+T25
Hex Inch: 1/8+9/64, 5/32+3/16”
Hex Metric: 3.0+4.0, 5.0+6.0mm
76898
Tradesman
Ultra Drivers
on page 33-35
Includes
1/4” SlimFix
Bit Holder
Wiha Terminator Impact Bits
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com