Electronic Components Datasheet Search
  English  ▼

X  

76802 Datasheet(PDF) 5 Page - Wiha Tools

Part # 76802
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76802 Datasheet(HTML) 5 Page - Wiha Tools

  76802 Datasheet HTML 1Page - Wiha Tools 76802 Datasheet HTML 2Page - Wiha Tools 76802 Datasheet HTML 3Page - Wiha Tools 76802 Datasheet HTML 4Page - Wiha Tools 76802 Datasheet HTML 5Page - Wiha Tools 76802 Datasheet HTML 6Page - Wiha Tools 76802 Datasheet HTML 7Page - Wiha Tools 76802 Datasheet HTML 8Page - Wiha Tools 76802 Datasheet HTML 9Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
Hex Inch Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
Inch
mm
pkg.
76530
1/8
29
10
76531
9/64
29
10
76532
5/32
29
10
76533
3/16
29
10
76534
7/32
29
10
76535
1/4
29
10
Hex Metric Terminator Impact Bits,
1/4” Insert - 10 Bit Pack
Item
No.
mm
mm
pkg.
76523
3.0
29
10
76524
4.0
29
10
76525
5.0
29
10
76526
6.0
29
10
Hex Inch Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
Inch
mm
pkg.
76830
1/8
29
2
76831
9/64
29
2
76832
5/32
29
2
76833
3/16
29
2
76834
7/32
29
2
76835
1/4
29
2
Hex Metric Terminator Impact Bits,
1/4” Insert - 2 Bit Pack
Item
No.
mm
mm
pkg.
76823
3.0
29
2
76824
4.0
29
2
76825
5.0
29
2
76826
6.0
29
2
765
768
765
768
In Metal
Box
34 Pc. Terminator Impact Insert Bit
Set With 3K Bit Holder Handle & SlimFix
1/4” Locking Bit Holder
Item No. Set includes the following bits:
76899
2 Phillips: #1, 2, 3
Square: #1, 2 (2), 3
lbs.
Pozidriv®: #1, 2, 3
1.12
Torx®: T10, T15, T20 (2), T25 (2),
T30 (2), T40
Hex Metric: 3.0, 4.0, 5.0, 6.0mm
Hex Inch: 1/8, 9/64, 5/32, 3/16,
7/32, 1/4”
76899
28 Pc. Terminator Impact Insert Bit
Set With SlimFix 1/4” Locking Bit Holder
Item No. Set includes the following bits:
76897
Phillips: #1, 2 (2), 3
Sq: #1, 2, 3 & Pozidriv®: #1, 2, 3
lbs. .47
Hex Metric: 3.0, 4.0, 5.0, 6.0mm
Hex Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Torx®: T10, T15, T20, T25(2),T30, T40
76897
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76891 Set includes the following bits:
Phillips: #2, 3
Square: #2, 3
Torx®: T20, T25, T30
76891
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76893 Set includes the following bits:
Hex Inch: 5/32, 3/16, 7/32, 1/4”
Hex Metric: 4, 5, 6mm
76893
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76895 Set includes the following bits:
Torx®: T10, T15, T20, T25,
T27, T30, T40
76895
Includes
magnetic
bit holder
Includes magnetic bit holder
Includes magnetic bit holder
Includes magnetic bit holder
8 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76890 Set includes the following bits:
3 Phillips: #2
Square: #2
Torx®: T15, T20, T25
76890
Includes magnetic bit holder
Wiha Insert Terminator Impact Bit Sets
10 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76876 Set includes the following bits:
Hex In: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 3.0, 4.0, 5.0, 6.0mm
76876
10 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76877 Set includes the following bits:
Torx®: T10, T15, T20 (2), T25 (2),
T27, T30 (2), T40
76877
10 Pc. Bit Buddy Set With
Terminator Impact Insert Bits - 29mm
76881 Set includes the following bits:
Phillips: #1, 2, 3
Square: #1, 2, 3
Torx®: T20, T25, T30, T40
76881
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com