Electronic Components Datasheet Search
  English  ▼

X  

76802 Datasheet(PDF) 35 Page - Wiha Tools

Part # 76802
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76802 Datasheet(HTML) 35 Page - Wiha Tools

Back Button 76802 Datasheet HTML 31Page - Wiha Tools 76802 Datasheet HTML 32Page - Wiha Tools 76802 Datasheet HTML 33Page - Wiha Tools 76802 Datasheet HTML 34Page - Wiha Tools 76802 Datasheet HTML 35Page - Wiha Tools 76802 Datasheet HTML 36Page - Wiha Tools 76802 Datasheet HTML 37Page - Wiha Tools 76802 Datasheet HTML 38Page - Wiha Tools 76802 Datasheet HTML 39Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
35
15 Pc. Ultra Driver & Pliers Set With
BiCut SuperCut & Ultra Driver Bit Set
Item No. 77786
lbs. 1.17
8.0” Soft Grip Vinyl BiCut SuperCut
For cutting various materials from soft to
extremely hard. Double the power at the
press of a button.
Ultra Driver Double End Bits:
Slotted: 3.0+4.5, 5.5+6.5mm
Phillips: #1+2, #0+3
Pozidriv®: #1+2
Square: #1+2, #0+3
: T10+T15, T20+T25
Hex Inch: 1/8+9/64, 5/32+3/16”
Hex MM: 3.0+4.0, 5.0+6.0mm
77786
Tradesman
Combo Pliers & Bit Set
BiCut SuperCut & Ultra Driver
29 Pc. Ultra Driver & Socket Set
1/4” Sockets, Adapter & Ultra Driver Bit Set
Item No. 77793
lbs. .92
1/4” Square Drive Sockets
Inch: 5/32, 3/16, 7/32, 1/4, 9/32, 5/16, 3/8”
Metric: 4.0, 4.5, 5.0, 5.5, 6.0, 7.0, 8.0mm
1/4” x 1/4” Socket Adapter
Ultra Driver Double End Bits:
Slotted: 3.0+4.5, 5.5+6.5mm
Phillips: #1+2, #0+3
Pozidriv®: #1+2
Square: #1+2, #0+3
: T10+T15, T20+T25
Hex Inch: 1/8+9/64, 5/32+3/16”
Hex MM: 3.0+4.0, 5.0+6.0mm
77793
Tradesman
1/4” Sockets & Bit Set
Tradesman Ultra Driver &
1/4” To 1/4” Sq. Drive Sockets
26inOne!
26inOne!
42 Pc. Ultra Driver & Terminator
Impact Bit Set
Item No. 76898
lbs. .92
Terminator Impact Bits
Phillips: #1, 2 (2), 3
Square: #1, 2 (2), 3
Hex Inch: 1/8, 9/64, 5/32, 3/16, 7/32, 1/4”
Hex Metric: 3.0, 4.0, 5.0, 6.0mm
: T10, T15, T20 (2), T25 (2), T30 (2), T40
SlimFix 1/4” Bit Holder
Ultra Driver Double End Bits:
Slotted: 3.0+4.5, 5.5+6.5mm
Phillips: #1+2, #0+3
Pozidriv®: #1+2
Square: #1+2, #0+3
Torx®: T10+T15, T20+T25
Hex Inch: 1/8+9/64, 5/32+3/16”
Hex MM: 3.0+4.0, 5.0+6.0mm
76898
Tradesman
Combo Terminator & Bit Set
Termionator Impact Bits
& Ultra Driver
26inOne!
24 Piece Cushion Grip Ultra Driver
26inOne Bonus Pack
Wiha cushion grip handle & CVM tool steel
shaft. Locking bit holder.
Includes:
Slotted: 3.0+4.5, 4.0+6.0,
5.5+6.5mm
lbs.
Phillips: #1+2, #0+3
Pozidriv®: #1+2
Square: #1+2, #0+3
: T6+T7, T8+T9, T10+T15,
T20+T25, T27+T30
Hex Inch: 3/32+7/64, 1/8+9/64,
5/32+3/16, 7/32+1/4”
Hex Metric: 2.0+2.5, 3.0+4.0,
5.0+6.0mm
1/4” Hex to 1/4” Square
Socket Adapter
Double End Valve Stem Tool
77795
Ultra Driver Bonus Pack
Security Cushion Grip Ultra Driver
26inOne Wiha cushion grip handle & CVM tool
steel shaft. Locking bit holder.
Includes 1/4” double end Security bits:
Slotted/Phillips: 5.5mm+#2
Square: #1+#2
lbs.
: T8s+T9s, T10s+T15s,
.45
T20s+T25s, T27s+T30s
Hex Inch: 1/8+9/64, 5/32+3/16, 7/32+1/4”
Hex Metric: 3.0+4.0, 5.0+6.0mm
Spanner: #4+#6, #8+#10
77789
Security Ultra Driver
Locking Bit
Holder
26 Tips on 13 Bits
Cushion
Grip
Standard 1/4” Drive
13 Pc. Double End Insert Bit Reload
For the 26inOne (For #77789)
Includes the following 1/4” double end bits:
Slotted/Phillips: 5.5mm+#2
Square: #1+#2
lbs.
: T8s+T9s, T10s+T15s,
.14
T20s+T25s, T27s+T30s
Hex Inch: 1/8+9/64, 5/32+3/16, 7/32+1/4”
Hex Metric: 3.0+4.0, 5.0+6.0mm
Spanner: #4+#6, #8+#10
77783
Security Bit Reload
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com