Electronic Components Datasheet Search
  English  ▼

X  

33403 Datasheet(PDF) 18 Page - Wiha Tools

Part # 33403
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33403 Datasheet(HTML) 18 Page - Wiha Tools

Back Button 33403 Datasheet HTML 14Page - Wiha Tools 33403 Datasheet HTML 15Page - Wiha Tools 33403 Datasheet HTML 16Page - Wiha Tools 33403 Datasheet HTML 17Page - Wiha Tools 33403 Datasheet HTML 18Page - Wiha Tools 33403 Datasheet HTML 19Page - Wiha Tools 33403 Datasheet HTML 20Page - Wiha Tools 33403 Datasheet HTML 21Page - Wiha Tools 33403 Datasheet HTML 22Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
9 Piece Metric Hex L-key Set, In Plastic Holder
Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
Item No.
lbs.
pkg.
.97
1
13 Piece Inch Hex L-key Set, In Plastic Holder
.050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
Item No.
lbs.
pkg.
.98
1
Black Finish
#35291
#35290
35290
35291
35290
35291
Nickel-Plated Long Arm Hex L-keys
Nickel-Plated
9 Piece Metric Hex L-key Set, In Plastic Holder
Equipped with 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
Item No.
lbs.
pkg.
1.00
1
13 Piece Inch Hex L-key Set, In Plastic Holder
Equipped with .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32,
3/16, 7/32, 1/4, 5/16, 3/8”
Item No.
lbs.
pkg.
.90
1
Inch & Metric Hex L-keys, Long Arm
Item
No.
Inch
mm
Inch
lbs.
pkg.
.050
75
3.0
.01
10
1/16
78
3.1
.01
10
5/64
82
3.2
.01
10
3/32
85
3.3
.01
10
7/64
92
3.6
.01
10
1/8
95
3.7
.02
10
9/64
100
3.9
.03
10
5/32
105
4.1
.03
10
3/16
113
4.4
.05
10
7/32
122
4.8
.07
10
1/4
135
5.3
.10
10
5/16
152
6.0
.18
10
3/8
173
6.8
.30
10
1/2
209
8.2
.77
1
9/16
230
9.1
1.04
1
5/8
245
9.6
1.27
1
3/4
286
11.3
2.01
1
Item No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
1.5
89
3.5
14
.6
.01
10
2.0
99
3.9
16
.6
.01
10
2.5
110
4.3
18
.7
.02
10
3.0
124
4.9
20
.8
.02
10
4.0
138
5.4
25
1.0
.04
10
5.0
158
6.2
28
1.1
.07
10
6.0
178
7.0
32
1.3
.12
10
7.0
187
7.4
34
1.3
.17
10
8.0
196
7.7
36
1.4
.23
10
10.0
219
8.6
40
1.6
.40
10
12.0
245
9.6
45
1.8
.77
1
14.0
277
10.9
56
2.2
1.12
1
17.0
316
12.4
63
2.5
1.80
1
19.0
355
14.0
70
2.8
2.46
1
Nickel-Plated
• Ideal for use in clean rooms
& other environments where
non-oxidizing surfaces are
specified or required.
35231
35233
35235
35237
35239
35241
35243
35251
35252
35253
35254
35255
35256
35257
35258
35259
35261
35201
35202
35204
35206
35208
35210
35211
35212
35214
35217
35219
35221
35223
35227
35297
35295
35297
35295
352 Inch
Black Finish Long Arm Hex L-keys
Item No.
mm
mm
Inch
mm
Inch
lbs.
pkg.
0.7
66
2.6
5
.2
.01
10
0.9
68
2.7
8
.3
.01
10
1.3
72
2.8
12
.5
.01
10
1.5
76
3.5
14
.6
.01
10
2.0
99
3.9
16
.6
.01
10
2.5
110
4.3
18
.7
.02
10
3.0
124
4.9
20
.8
.02
10
4.0
138
5.4
25
1.0
.04
10
5.0
158
6.2
28
1.1
.07
10
6.0
178
7.0
32
1.3
.12
10
7.0
187
7.4
34
1.3
.18
10
8.0
196
7.7
36
1.4
.24
10
10.0
219
8.6
40
1.6
.40
10
12.0
245
9.6
45
1.8
.77
1
14.0
277
10.9
56
2.2
1.13
1
17.0
316
12.4
63
2.5
1.80
1
19.0
355
14.0
70
2.8
2.45
1
L-key Hex, Long Arm
Item
No.
Inch
mm
Inch
lbs.
pkg.
.028
67
2.6
.01
10
.035
69
2.7
.01
10
.050
75
3.0
.01
10
1/16
78
3.1
.01
10
5/64
82
3.2
.01
10
3/32
85
3.3
.01
10
7/64
92
3.6
.02
10
1/8
95
3.7
.02
10
9/64
100
3.9
.03
10
5/32
105
4.1
.04
10
3/16
113
4.4
.05
10
7/32
122
4.8
.07
10
1/4
135
5.3
.10
10
5/16
152
6.0
.18
10
3/8
173
6.8
.30
10
1/2
209
8.2
.75
1
9/16
230
9.1
.99
1
5/8
245
9.6
1.26
1
3/4
286
11.3
2.02
1
1”
359
14.1
4.38
1
Black Finish
High alloy CVM steel,
hardened, black finish.
Precision machined, burr
free chamfered ends.
35200
35203
35213
35216
35218
35222
35224
35226
35228
35232
35234
35236
35238
35242
35244
35245
35246
35247
35248
35249
35200
35203
35205
35215
35220
35225
35230
35240
35250
35260
35270
35280
35282
35284
35285
35286
35288
352 Inch
352 Metric
352 Metric
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com