Electronic Components Datasheet Search
  English  ▼

X  

33403 Datasheet(PDF) 7 Page - Wiha Tools

Part # 33403
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33403 Datasheet(HTML) 7 Page - Wiha Tools

Back Button 33403 Datasheet HTML 3Page - Wiha Tools 33403 Datasheet HTML 4Page - Wiha Tools 33403 Datasheet HTML 5Page - Wiha Tools 33403 Datasheet HTML 6Page - Wiha Tools 33403 Datasheet HTML 7Page - Wiha Tools 33403 Datasheet HTML 8Page - Wiha Tools 33403 Datasheet HTML 9Page - Wiha Tools 33403 Datasheet HTML 10Page - Wiha Tools 33403 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
9 Piece ErgoStar Metric Ball End Hex Long L-key Set
Item No. Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
66996
6.0, 8.0, 10.0mm
lbs. 1.02
66996
Fast Auto Open
Key Holder
9 Pc. Stainless Steel Ball End L-key Set
In molded ergo holder
Item No.
36988
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0mm
lbs.
6.0, 8.0, 10.0mm
.88
36988
Stainless Steel Metric Ball End Hex Key
Stainless Steel Ball End Metric Hex L-key, Long Arm
Blade Chrome-V-Moly, hardened, hard chrome finish.
Item
No.
mm
mm
mm
lbs.
pkg.
36911
1.5
91
14
.004
10
36913
2.0
101
18
.007
10
36914
2.5
113
20
.012
10
36915
3.0
128
23
.020
10
36917
4.0
142
29
.050
10
36918
5.0
163
33
.074
10
36919
6.0
184
38
.13
10
36921
8.0
206
44
.25
10
36922
10.0
231
50
.44
10
369
For angle
entry
13 Piece ErgoStar Inch Ball End Hex Long L-key Set
Item No. Inch:.050, 1/16, 5/64, 3/32, 7/64, 1/8,
66988
9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
lbs. 1.08
66988
Fast Auto Open
Key Holder
ErgoStar Ball End Hex Keys Chrome Finish
22 Piece ErgoStar Inch/Metric Ball End Hex Long L-key Set
Item No. Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8,
66982
9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
lbs.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0,
2.10
6.0, 8.0, 10.0mm
66982
Fast Auto Open
Key Holder
ErgoStar Inch Ball End L-key Set
• Patented ErgoStar auto open key holder
• Keys of chrome-vanadium-molybdenum steel
• 60HRC through harened durability
• Hard chrome finish for best wear resistance
3 Pack Inch & Metric Ball End Hex & TORX L-key Sets
Blade Chrome-V-Moly, hardened, black finish.
Item No
36696 3 Sets with Hex & TORX L-keys include:
lbs.
Metric: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
TORX: T6, T7, T8, T9, T10, T15, T20, T25, T27, T30
36696
Inch & Metric
TORX
2 Pack Inch & Metric Ball End Hex L-key Sets High alloy
Chrome-V-Moly, hardened, black finish.
Item No
36995 2 Sets with 22 L-keys include:
lbs. 2.21
Sizes: 1.5, 2.0, 2.5, 3.0, 4.0, 5.0, 6.0, 8.0, 10.0mm
.050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32, 3/16, 7/32, 1/4, 5/16, 3/8”
36995
Inch & Metric
L-keys Black Finish Sets
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com