Electronic Components Datasheet Search
  English  ▼

X  

33403 Datasheet(PDF) 36 Page - Wiha Tools

Part # 33403
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33403 Datasheet(HTML) 36 Page - Wiha Tools

Back Button 33403 Datasheet HTML 32Page - Wiha Tools 33403 Datasheet HTML 33Page - Wiha Tools 33403 Datasheet HTML 34Page - Wiha Tools 33403 Datasheet HTML 35Page - Wiha Tools 33403 Datasheet HTML 36Page - Wiha Tools 33403 Datasheet HTML 37Page - Wiha Tools 33403 Datasheet HTML 38Page - Wiha Tools 33403 Datasheet HTML 39Page - Wiha Tools 33403 Datasheet HTML 40Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
Hex Inch Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
Inch
mm
pkg. lbs.
74311
3/32
50
10
.30
74312
7/64
50
10
.30
74313
1/8
50
10
.30
74314
9/64
50
10
.30
74315
5/32
50
10
.30
74316
3/16
50
10
.30
74317
7/32
50
10
.30
74318
1/4
50
10
.30
743
Hex Metric Power Bits
1/4” Hex Drive, Length 2.0”/50mm
Item
No.
mm
mm
pkg. lbs.
74325
2.5
50
10
.25
74330
3.0
50
10
.25
74340
4.0
50
10
.25
74350
5.0
50
10
.25
74360
6.0
50
10
.25
74380
8.0
50
10
.38
743
Hex Inch Power Bit Packs, 2”
Item
No.
Inch
mm lbs.
74381
3/32
50
.07
74382
7/64
50
.07
74383
1/8
50
.07
74384
9/64
50
.07
74385
5/32
50
.07
74386
3/16
50
.07
74387
7/32
50
.07
74388
1/4
50
.07
743
Hex Metric Power Bit Packs, 2”
Item
No.
mm
mm lbs.
74361
2.5
50
.07
74362
3.0
50
.07
74363
4.0
50
.07
74364
5.0
50
.07
74365
6.0
50
.07
74366
8.0
50
.09
743
Wiha Ball End Hex Inch Insert Bits
Ball End Hex Inch Insert Bits, 1/4”
Item
No.
Inch
mm
pkg. lbs.
71701
3/32
25
10
.12
71702
7/64
25
10
.12
71703
1/8
25
10
.12
71704
9/64
25
10
.12
71705
5/32
25
10
.12
71706
3/16
25
10
.13
71707
7/32
25
10
.13
71708
1/4
25
10
.13
717
Ball End Hex Inch Insert Bit Packs, 1
”
Item
No.
Inch
mm
lbs.
71711
3/32
25
.03
71712
7/64
25
.03
71713
1/8
25
.03
71714
9/64
25
.03
71715
5/32
25
.04
71716
3/16
25
.04
71717
7/32
25
.04
71718
1/4
25
.04
717
Hex Inch Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
Inch
mm
pkg. lbs.
74341
5/64
70
1
.36
74342
3/32
70
1
.36
74343
7/64
70
1
.36
74344
1/8
70
1
.36
74345
9/64
70
1
.36
74346
5/32
70
1
.36
74347
3/16
70
1
.36
74348
7/32
70
1
.36
74349
1/4
70
1
.36
743
Hex Metric Power Bits
1/4” Hex Drive, Length 2.75”/70mm
Item
No.
mm
mm
pkg. lbs.
74351
2.0
70
1
.36
74352
2.5
70
1
.36
74353
3.0
70
1
.36
74354
4.0
70
1
.36
74355
5.0
70
1
.36
74356
6.0
70
1
.36
74357
8.0
70
1
.36
743
2 bit
pack
2 bit
pack
Ball End Hex Metric Power Bits
Ball End Hex Metric Power Bits
1/4” Hex Drive, Length 1.5”/38mm
Item
No.
mm
mm
pkg.
71719
1.5
38
1
71720
2.0
38
1
71721
2.5
38
1
71722
3.0
38
1
71723
4.0
38
1
71724
5.0
38
1
71725
6.0
38
1
717
2 pc. bit pack!
Stainless Steel Hex Metric Bits
Stainless Steel Hex Metric Insert Bits
Item
No.
mm
mm
pkg.
70170
1.5
25
10
70171
2.0
25
10
70172
2.5
25
10
70173
3.0
25
10
70174
4.0
25
10
70175
5.0
25
10
70176
6.0
25
10
701
1/4”
Wiha Hex Inch & Metric Power Bits
Hex Metric Bit On 5/16” Stock
Item
No.
mm
mm
pkg.
lbs.
72388
12.0
75
10
.14
72388
Hex Metric Long Insert Bit On 5/16”
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com