Electronic Components Datasheet Search
  English  ▼

X  

33403 Datasheet(PDF) 29 Page - Wiha Tools

Part # 33403
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33403 Datasheet(HTML) 29 Page - Wiha Tools

Back Button 33403 Datasheet HTML 25Page - Wiha Tools 33403 Datasheet HTML 26Page - Wiha Tools 33403 Datasheet HTML 27Page - Wiha Tools 33403 Datasheet HTML 28Page - Wiha Tools 33403 Datasheet HTML 29Page - Wiha Tools 33403 Datasheet HTML 30Page - Wiha Tools 33403 Datasheet HTML 31Page - Wiha Tools 33403 Datasheet HTML 32Page - Wiha Tools 33403 Datasheet HTML 33Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
29
Ball End Hex Inch Screwdriver With Precision Handle
Angle entry up to 30°. Blade high alloy chrome-vanadium-molybdenum
steel. Hard chrome finish.
Item
No.
Inch
mm Inch
mm
Inch
lbs.
pkg.
26413
.050 40
1.6
120
4.7
.02
10
26416
1/16 50
2.0
145
5.7
.03
10
26419
5/64 50
2.0
145
5.7
.03
10
26423
3/32 50
2.0
145
5.7
.03
10
26427
7/64 60
2.4
170
6.7
.03
10
26431
1/8
60
2.4
170
6.7
.05
10
26436
9/64 60
2.4
170
6.7
.05
10
26439
5/32 60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
8 Piece Ball End Hex Driver Set -
Inch Angle entry up to 30°.
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
Inch
Inch
lbs.
26490
26413
.050
1.6
.40
26416
1/16
2.0
26419
5/64
2.0
26423
3/32
2.0
26427
7/64
2.4
26431
1/8
2.4
26436
9/64
2.4
26439
5/32
2.4
26490
264 Inch
30°
Wiha Ball End Precision Series
8 Piece Ball End Hex Driver Set - Inch
Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome
finished. In canvas storage pouch
Item
No.
Inch Inch
Inch Inch
lbs.
26499
26413
.050 1.6
26427
7/64 2.4
.62
26416
1/16 2.0
26431
1/8
2.4
26419
5/64 2.0
26436
9/64 2.4
26423
3/32 2.0
26439
5/32 2.4
26499
22 Piece Slotted/Phillips/
/Ball End Hex Inch &
Metric Tech Pack Wiha Proturn precision ball retainer handle
& 21 Wiha interchangeable blades. Set in canvas storage pouch
62995
Set includes the following blades:
Slotted: 1.5, 2.0, 3.0, 4.0
Phillips: #000, #00, #0, #1
: T6, T7, T8, T9, T10, T15, T20
Hex Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0mm
lbs. .87
62995
14 Piece Inch/Metric Ball End Hex Work Tech Pack
Proturn precision ball retainer handle & 13 Wiha interchangeable blades.
62994
Set includes the following blades:
Hex Inch: .050, 1/16, 5/64, 3/32, 7/64, 1/8, 9/64, 5/32”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0mm
lbs. .66
Set in canvas storage pouch
62994
#62995
#62994
Wiha Ball End Precision Series
ESD Safe Dissipative Precision Drive-Loc Handle
Surface resistant 106-109 Ohms. 4 mm hex retainer for all SYSTEM 4
interchangeable blades. Ball retainer hold. 105mm/4.13” OAL
Item
No.
mm
Inch
mm
Inch
lbs.
26961
4.0
.1574
23
.91
.08
26961
D
SYS 4 Drive-Loc Precision Locking Tools
SYSTEM 4 Metric Hex Drive-Loc Reversible Locking Blades
On 4mm Hex blades
Item
No.
mm
mm
lbs.
28003
1.3
+
1.3
.02
28004
1.5
+
1.5
.02
28005
2.0
+
2.0
.02
28006
2.5
+
2.5
.02
28007
3.0
+
3.0
.02
28008
4.0
+
4.0
.02
280
www.wihatools.com
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com