Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2870 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC2870 Datasheet HTML 30Page - Analog Devices LTC2870 Datasheet HTML 31Page - Analog Devices LTC2870 Datasheet HTML 32Page - Analog Devices LTC2870 Datasheet HTML 33Page - Analog Devices LTC2870 Datasheet HTML 34Page - Analog Devices LTC2870 Datasheet HTML 35Page - Analog Devices LTC2870 Datasheet HTML 36Page - Analog Devices LTC2870 Datasheet HTML 37Page - Analog Devices LTC2870 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LTC2870/LTC2871
34
28701fb
For more information www.linear.com/LTC2870
Typical applicaTions
Figure 47. RS232 Triple Transceiver
with Selectable Line Interface
Figure 48. RS232 Triple Transceiver
with Selectable Logic Interface
28701 F44
DIN1
ROUT2
DIN2
ROUT1
DOUT1
PORT 1
LOGIC
INTERFACE
PORT 2A/2B
LOGIC
INTERFACE
SELECT LINE 2A
SELECT LINE 2B
PORT 1
LINE
INTERFACE
PORT 2A
LINE
INTERFACE
RIN2
DOUT2
RIN1
LTC2871
DIN2
CH2
CH2
ROUT1
DIN1
ROUT2
DOUT2
PORT 3
LOGIC
INTERFACE
PORT 2B
LINE
INTERFACE
PORT 3
LINE
INTERFACE
RIN1
DOUT1
RIN2
LTC2871
28701 F45
DIN1
ROUT2
DIN2
ROUT1
DOUT1
PORT 1
LOGIC
INTERFACE
PORT 2A
LOGIC
INTERFACE
SELECT LINE 2A
SELECT LINE 2B
PORT 1
LINE
INTERFACE
PORT 2A/2B
LINE
INTERFACE
RIN2
DOUT2
RIN1
LTC2871
PORT 2B
LOGIC
INTERFACE
DIN2
CH2
CH2
ROUT1
DIN1
ROUT2
DOUT2
PORT 3
LOGIC
INTERFACE
PORT 3
LINE
INTERFACE
RIN1
DOUT1
RIN2
LTC2871
28701 F46
H/F
RA,
RO
RS485
INTERFACE
INPUT1
INPUT2
Y
Z
A
B
LTC2870/
LTC2871
SELECT
INPUT2 INPUT1
Logic input pins not shown are tied to a valid logic state. External Components not shown.
Figure 49. RS485 Receiver with Multiplexed Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com