Electronic Components Datasheet Search
  English  ▼

X  

LTC2870 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2870
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2870 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2870 Datasheet HTML 18Page - Analog Devices LTC2870 Datasheet HTML 19Page - Analog Devices LTC2870 Datasheet HTML 20Page - Analog Devices LTC2870 Datasheet HTML 21Page - Analog Devices LTC2870 Datasheet HTML 22Page - Analog Devices LTC2870 Datasheet HTML 23Page - Analog Devices LTC2870 Datasheet HTML 24Page - Analog Devices LTC2870 Datasheet HTML 25Page - Analog Devices LTC2870 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
LTC2870/LTC2871
22
28701fb
For more information www.linear.com/LTC2870
Figure 16. RS485 Receiver Input Threshold Characteristics
applicaTions inForMaTion
VL Logic Supply and Logic Pins
A separate logic supply pin VL allows the LTC2870 and
LTC2871 to interface with any logic signal from 1.7V to
5.5V. All logic I/Os use VL as their high supply. For proper
operation, VL should not be greater than VCC. During
power-up, if VL is higher than VCC, the device will not be
damaged, but behavior of the device is not guaranteed.
If VL is not connected to VCC, bypass VL with a 0.1µF
capacitor to GND.
RS232 and RS485 driver outputs are undriven and the
RS485 termination resistors are disabled when VL or VCC
is grounded or VCC is disconnected.
Although all logic input pins reference VL as their high
supply, they can be driven up to 7V, independent of VL and
VCC, with the exception of FEN, which must not exceed VL
by more than 1V for proper operation. Logic input pins
do not have internal biasing devices to pull them up or
down. They must be driven high or low to establish valid
logic levels; do not float.
RS485 Driver
The RS485 driver provides full RS485/RS422 compat-
ibility. When enabled, if DI is high, Y – Z is positive. With
the driver disabled the Y and Z output resistance is greater
than 96kΩ (typically 125kΩ) to ground over the entire
common mode range of –7V to +12V. This resistance is
equivalent to the input resistance on these lines when the
driver is configured in half-duplex mode and Y and Z act
as the RS485 receiver inputs.
Driver Overvoltage and Overcurrent Protection
The RS232 and RS485 driver outputs are protected from
short circuits to any voltage within the absolute maximum
range ±15V. The maximum current in this condition is
90mA for the RS232 driver and 250mA for the RS485
driver.
If the RS485 driver output is shorted to a voltage greater
than VCC, when it is active, positive current of up to 150mA
may flow from the driver output back to VCC. If the system
power supply or loading cannot sink this excess current,
clamp VCC to GND with a Zener diode (e.g., 5.6V, 1W,
1N4734) to prevent an overvoltage condition on VCC.
All devices also feature thermal shutdown protection that
disables the drivers, receivers, and RS485 terminators in
case of excessive power dissipation (see Note 6).
RS485 Balanced Receiver with Full Failsafe Operation
The LTC2870 and LTC2871 receivers use a window com-
parator with two voltage thresholds centered around zero
for low pulse width distortion. As illustrated in Figure 16,
for a differential signal approaching from a negative direc-
tion, the threshold is typically +110mV. When approach-
ing from the positive direction, the threshold is typically
–110mV. Each of these thresholds has about 35mV of
hysteresis (not shown in the figure). The state of RO
reflects the polarity of A–B in full-duplex mode or Y–Z in
half-duplex mode.
28701 F15
RECEIVER
OUTPUT LOW
–200mV
–110mV 0V
RO
110mV
200mV
VAB
RECEIVER
OUTPUT HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com